Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SG125FE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SG125FE
Description  Bus Buffer with 3-STATE Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG125FE Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SG125FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SG125FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SG125FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SG125FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SG125FE Datasheet HTML 5Page - Toshiba Semiconductor TC7SG125FE Datasheet HTML 6Page - Toshiba Semiconductor TC7SG125FE Datasheet HTML 7Page - Toshiba Semiconductor TC7SG125FE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC7SG125FE
2007-11-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
15.3
1.1~1.3
8.3
18.4
1.0
34.2
1.4~1.6
5.0
8.5
1.0
10.0
1.65~ 1.95
4.0
6.2
1.0
6.7
2.3~2.7
2.6
3.9
1.0
4.4
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
2.1
3.1
1.0
3.7
0.9
17.7
1.1~1.3
9.6
21.5
1.0
37.2
1.4~1.6
5.6
9.3
1.0
11.2
1.65~ 1.95
4.5
6.9
1.0
7.1
2.3~2.7
2.9
4.4
1.0
5.0
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
2.4
3.4
1.0
3.9
0.9
29.0
1.1~1.3
14.5
29.6
1.0
56.0
1.4~1.6
8.2
13.1
1.0
15.9
1.65~ 1.95
6.0
9.2
1.0
9.6
2.3~2.7
4.0
5.7
1.0
6.1
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
3.3
4.4
1.0
4.8
ns
CL = 10 pF,
RL = 100 kΩ
0.9
22.7
1.1~1.3
10.9
18.7
1.0
29.8
1.4~1.6
5.9
8.7
1.0
9.8
1.65~ 1.95
4.5
6.3
1.0
6.8
2.3~2.7
3.1
4.2
1.0
4.5
CL = 10 pF,
RL = 5 kΩ
3.0~3.6
2.4
3.2
1.0
3.5
CL = 15 pF,
RL = 100 kΩ
0.9
25.3
1.1~1.3
11.9
20.7
1.0
34.7
1.4~1.6
6.5
9.5
1.0
11.1
1.65~ 1.95
4.9
6.8
1.0
7.2
2.3~2.7
3.3
4.4
1.0
4.8
CL = 15 pF,
RL = 5 kΩ
3.0~3.6
2.5
3.4
1.0
3.7
CL = 30 pF,
RL = 100 kΩ
0.9
37.7
1.1~1.3
17.1
30.7
1.0
50.5
1.4~1.6
8.8
13.1
1.0
15.1
1.65~ 1.95
6.6
9.2
1.0
9.9
2.3~2.7
4.1
5.4
1.0
5.8
Output enable time
tpZL
tpZH
CL = 30 pF,
RL = 5 kΩ
3.0~3.6
3.1
4.1
1.0
4.5
ns


Similar Part No. - TC7SG125FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
More results

Similar Description - TC7SG125FE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC1G126 RENESAS-RD74LVC1G126 Datasheet
2Mb / 8P
   Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7SG125FE TOSHIBA-TC7SG125FE_09 Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SG125FU TOSHIBA-TC7SG125FU Datasheet
169Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ125AFE TOSHIBA-TC7SZ125AFE_07 Datasheet
139Kb / 6P
   Bus Buffer with 3-STATE Output
logo
ON Semiconductor
NL17SG126 ONSEMI-NL17SG126 Datasheet
127Kb / 11P
   Bus Buffer with 3-State Output
July, 2014 ??Rev. 5
logo
Toshiba Semiconductor
TC7SG126AFS TOSHIBA-TC7SG126AFS Datasheet
194Kb / 8P
   Bus Buffer with 3-STATE Output
2009-09-18
TC7SG125AFS TOSHIBA-TC7SG125AFS Datasheet
174Kb / 8P
   Bus Buffer with 3-STATE Output
TC7SZ126AFS TOSHIBA-TC7SZ126AFS Datasheet
212Kb / 6P
   Bus Buffer With 3-STATE Output
TC7WH126FK TOSHIBA-TC7WH126FK_09 Datasheet
184Kb / 7P
   Bus Buffer with 3-STATE Output
TC7SZ126AFE TOSHIBA-TC7SZ126AFE Datasheet
138Kb / 6P
   Bus Buffer with 3-STATE Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com