Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC7SG86FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SG86FU
Description  EXCLUSIVE OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG86FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SG86FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SG86FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SG86FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SG86FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SG86FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SG86FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SG86FU
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG86FU
EXCLUSIVE OR Gate
Features
• High-level output current:
IOH/IOL = ±8 mA (min)
at VCC = 3 V
• High-speed operation: tpd = 2.7 ns (typ.)
at VCC = 3.3 V,15pF
• Operating voltage range: VCC = 0.9~3.6 V
• 5.5-V tolerant inputs.
• 3.6-V power down protection output.
Marking
Pin Assignment (top view)
Absolute Maximum Ratings (Ta = 25°C)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1:
VCC = 0V
Note 2:
High or Low State. IOUT abusolute maximum rating must be observed.
Note 3:
VOUT < GND
Weight: 0.006 g (typ.)
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~7.0
V
−0.5~ 4.6 (Note 1)
DC output voltage
VOUT
−0.5~ VCC + 0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20 (Note 3)
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65~150
°C
Product name
W 8
IN B
IN A
GND
1
2
3
5
4
VCC
OUT Y


Similar Part No. - TC7SG86FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
   EXCLUSIVE OR Gate
TC7SG86FE TOSHIBA-TC7SG86FE_09 Datasheet
161Kb / 6P
   2-Input EXCLUSIVE OR Gate
More results

Similar Description - TC7SG86FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F Datasheet
171Kb / 5P
   EXCLUSIVE OR GATE
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
   EXCLUSIVE OR GATE
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
   Exclusive OR Gate
TC7SG86AFS TOSHIBA-TC7SG86AFS Datasheet
176Kb / 6P
   EXCLUSIVE OR GATE
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FS TOSHIBA-TC7SH86FS Datasheet
175Kb / 6P
   EXCLUSIVE OR GATE
TC4S30F TOSHIBA-TC4S30F_01 Datasheet
193Kb / 5P
   EXCLUSIVE-OR GATE
TC4S30F TOSHIBA-TC4S30F Datasheet
171Kb / 4P
   EXCLUSIVE-OR GATE
TC7SZ86F TOSHIBA-TC7SZ86F Datasheet
175Kb / 7P
   EXCLUSIVE OR Gate
TC7SH86F TOSHIBA-TC7SH86F Datasheet
198Kb / 5P
   EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com