Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIW1721BFIGSB Datasheet(PDF) 8 Page - RF Micro Devices

Part # SIW1721BFIGSB
Description  BLUETOOTH짰 RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1721BFIGSB Datasheet(HTML) 8 Page - RF Micro Devices

Back Button SIW1721BFIGSB Datasheet HTML 4Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 5Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 6Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 7Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 8Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 9Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 10Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 11Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 of 12
SiW1721B
60 0076 R00F SiW1721B Radio Modem IC DS
Pin Out
(Top View)
Pin Assignments
Note:
NC indicates no connect.
SiW1721BFIG (32-pin QFN)
Pin
Pin Name
Pin
Pin Name
1
IDAC
17
VBB_OUT
2
VREFP_CAP
18
VBATT_DIG
3
VREFN_CAP
19
RX_TX_DATA
4
VCC_OUT
20
VBB_READY
5
VBATT_ANA
21
CD_TXEN
6
VCC
22
SPI_SS
7
VCC
23
HOP_STROBE
8
CHG_PUMP
24
NC
9
ENABLE_RM
25
XTAL_N
10
TX_RX_SWITCH
26
XTAL_P/CLK
11
RESET_N
27
VCC
12
SPI_RXD
28
VTUNE
13
SPI_CLK
29
VCC
14
SPI_TXD
30
TX_BIAS
15
VDD_IO
31
RF_IO
16
BB_CLK
32
VCC
IDAC
VREFP_CAP
VREFN_CAP
VCC_OUT
VBATT_ANA
VCC
VCC
CHG_PUMP
VBB_OUT
VBATT_DIG
RX_TX_DATA
VBB_READY
CD_TXEN
SPI_SS
HOP_STROBE
NC
GROUND PAD
ON BOTTOM
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SiW1721B
Note: NC indicates "no connect" or unused pins.


Similar Part No. - SIW1721BFIGSB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711DIF-B RFMD-SIW1711DIF-B Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711DIF-T13 RFMD-SIW1711DIF-T13 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711FIF RFMD-SIW1711FIF Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711FIF-T13 RFMD-SIW1711FIF-T13 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
More results

Similar Description - SIW1721BFIGSB

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
logo
rfsolutions.ltd
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
   Radio MODEM Module
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
   Radio MODEM Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
   25W Radio Modem
logo
rfsolutions.ltd
X8200 RFSOLUTIONS-X8200 Datasheet
518Kb / 19P
   Synthesised Radio Modem
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
logo
SHENZHEN KYL COMMUNICAT...
KYL-600H KYL-KYL-600H Datasheet
49Kb / 3P
   High Performance Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com