Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SIW1721BFIGSR Datasheet(PDF) 6 Page - RF Micro Devices

Part No. SIW1721BFIGSR
Description  BLUETOOTH® RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

SIW1721BFIGSR Datasheet(HTML) 6 Page - RF Micro Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 of 12
SiW1721B
60 0076 R00F SiW1721B Radio Modem IC DS
Transmitter Specification1
(VBATT_ANA, VBATT_DIG = 3.3 V, VCC = int. analog reg. output, and nominal Bluetooth test conditions)
Industrial Temperature Performance1
(VBATT_ANA, VBATT_DIG=3.3V and extreme Bluetooth test conditions)
Parameter
Description
Min
Typ
Max
Units
Output RF
transmit power
At maximum power output level
-2
+2
+6
dBm
Modulation
characteristics2
Δf1avg
140
155
175
kHz
Δf2max (For at least 99.9% of all Δf2max)
115
kHz
Δf1avg/Δf2avg
0.8
kHz
Initial carrier
frequency
accuracy
-75.0
+75.0
kHz
Carrier frequency
drift
One slot packet
-25.0
+25.0
kHz
Two slot packet
-40.0
+40.0
kHz
Five slot packet
-40.0
+40.0
kHz
Max drift rate
400
Hz/
μs
20 dB occupied
bandwidth
Bluetooth specification
900
1000
kHz
In-band spurious
emission
2 MHz offset
-74
-55.0
dBm
>3 MHz offset
-74
-55.0
dBm
Out-of-band
spurious
emission
30 MHz to 1 GHz, operating mode
-70
-55.0
dBm
1 GHz to 12.75 GHz, operating mode3
-70
-50.0
dBm
1.8 GHz to 1.9 GHz
-62.0
dBm
5.15 GHz to 5.3 GHz
-47.0
dBm
1Measured into the chip with a 50
Ω source and no band pass filter.
2The modulation characteristic is measured as per test TRM/CA/07/C defined in the Bluetooth Test Specification.
3Except transmit harmonics.
Parameter
Description
Min
Typ
Max
Unit
Receiver
sensitivity
Measured based on BER<0.1%
-88
-78
dBm
Output RF transmit
power
At maximum power output level
-4
+2
+6
dBm
Modulation
characteristics2
Δf1avg
140
155
175
kHz
Δf2max (For at least 99.9% of all Δf2max)
115
kHz
Δf1avg/Δf2avg
0.8
kHz
Initial carrier
frequency accuracy
-75.0
+75.0
kHz
Carrier frequency
drift
One slot packet
-25.0
+25.0
kHz
Two slot packet
-40.0
+40.0
kHz
Five slot packet
-40.0
+40.0
kHz
Max drift rate
+400
Hz/µs
20 dB occupied
bandwidth
Bluetooth specification
900
1000
kHz
In-band spurious
emission
2MHz offset
-74
-40.0
dBm
>3MHz offset
-74
-55.0
dBm
Out-of-band
spurious
emission
30MHz to 1GHz, operating mode
-70
-55.0
dBm
1GHz to 12.75GHz, operating mode3
-70
-40.0
dBm
1.8GHz to 1.9GHz
-62.0
dBm
5.15GHz to 5.3GHz
-47.0
dBm
1Measured into the chip with a 50
Ω source and no band pass filter.
2The modulation characteristic is measured as per test TRM/CA/07/C defined in the Bluetooth Test Specification.
3Except transmit harmonics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn