Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SIW1721BFIGSR Datasheet(PDF) 5 Page - RF Micro Devices

Part No. SIW1721BFIGSR
Description  BLUETOOTH® RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

SIW1721BFIGSR Datasheet(HTML) 5 Page - RF Micro Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
SiW1721B
60 0076 R00F SiW1721B Radio Modem IC DS
Current Consumption (TOP=+25°C, VBATT_ANA, VBATT_DIG = 3.3 V)
Radio Specification
Receiver Specification1
(VBATT_ANA, VBATT_DIG=3.3V, VCC=int. analog reg. output, and nominal2 Bluetooth test conditions)
Symbol
Description
Min.
Typ.
Max.
Unit
IDD_SLEEP
Current during sleep mode
15
25
µA
IDD_IDLE
Current during idle, synthesizer not running
2
mA
IDD_TRANSMIT
Current during continuous transmit
41
45
mA
IDD_RECEIVE
Current during continuous receive
41
45
mA
Parameter
Description
Min
Typ
Max
Unit
VCO operating
range
Frequency
2402
2480
MHz
PLL lock time
55
100
µs
Parameter
Description
Min
Typ
Max
Unit
Receiver
sensitivity
Measured based on
BER<0.1%
-88
-82
dBm
Maximum usable
signal
Measured based on
BER<0.1%
-10
+5
dBm
C/I co-channel
(0.1% BER)
Co-channel selectivity
8.0
11.0
dB
C/I 1MHz
(0.1% BER)
Adjacent channel selectivity
-4.0
0
dB
C/I 2MHz
(0.1% BER)
2nd adjacent channel selectivity
-38.0
-35.0
dB
C/I
≥3MHz
(0.1% BER)
3rd adjacent channel selectivity
-43
-40
dB
Out-of-band
blocking3
30 MHz to 2000 MHz
-10
dBm
2000 MHz to 2399 MHz
-27
dBm
2498 MHz to 3000 MHz
-27
dBm
3000 MHz to 12.75 GHz
-10
dBm
Intermodulation
Max interferer level to maintain 0.1% BER,
interference signals at 3 MHz and 6 MHz offset.
-39
-36
dBm
Receiver spurious
emission
30MHz to 1GHz
-57
dBm
1 GHz to 12.75 GHz
-47
dBm
1Measured into the chip with a 50
Ω source and no band pass filter.
2Nominal and extreme Bluetooth test conditions as defined by the Bluetooth Test Specification.
3Out-of-band blocking guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn