Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SIW1721BFIGSR Datasheet(PDF) 4 Page - RF Micro Devices

Part No. SIW1721BFIGSR
Description  BLUETOOTH® RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

SIW1721BFIGSR Datasheet(HTML) 4 Page - RF Micro Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4 of 12
SiW1721B
60 0076 R00F SiW1721B Radio Modem IC DS
System Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
ESD Rating
Electrical Characteristics
DC Specification (TOP=+25°C, VDD_IO=3.0V)
AC Characteristics (TOP=+25°C, VDD_IO=3.0V, CLOAD=15pF)
Parameter
Description
Min
Max
Unit
VCC
Analog circuit supply voltage
-0.3
3.63
V
VDD_IO
I/O supply voltage
-0.3
3.63
V
VBATT_ANA
Analog regulator supply voltage
-0.3
3.63
V
VBATT_DIG
Digital regulator supply voltage
-0.3
3.63
V
TST
Storage temperature
-55
+125
°C
RFMAX
Maximum RF input level
+5
dBm
Note: Absolute maximum ratings indicate limits beyond which the useful life of the device may be impaired or damage may occur.
Parameter
Description
Min
Max
Unit
TOP
Operating temperature (industrial grade)
-40
+85
°C
VBATT_ANA
Supply for internal analog voltage regulator
2.3
3.63
V
VBATT_DIG
Supply for internal digital voltage regulator
2.3
3.63
V
VCC
Analog supply voltage
1.71
1.89
V
VDD_IO
Digital interface I/O supply voltage
1.62
3.63
V
Symbol
Description
Rating
ESD
ESD protection - all pins1
2000 V
1This device is a high performance RF integrated circuit with an ESD rating of 2,000 volts (HBM conditions per Mil-Std-883, Method 3015). Handling and
assembly of this device should only be done using appropriate ESD controlled processes.
Symbol
Description
Min.
Typ.
Max.
Unit
VIL
Input low voltage
GND-0.1
0.3*VDD_IO
V
VIH
Input high voltage
0.7*VDD_IO
VDD_IO
V
VOL
Output low voltage
GND
0.2*VDD_IO
V
VOH
Output high voltage
0.8*VDD_IO
VDD_IO
V
IOH
Output high current
500
µA
Output high current (pins 16, 19)
4
mA
IOL
Output low current
500
µA
Output low current (pins 16, 19)
4
mA
IILI
Input leakage current
<1
1
µA
Symbol
Description
Min.
Typ.
Max.
Unit
tr
Rise time
30
ns
Rise time (pins 16, 19)
16
ns
tf
Fall time
24
ns
Fall time (pins 16, 19)
13
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn