Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SIW1721BFIGSR Datasheet(PDF) 10 Page - RF Micro Devices

Part No. SIW1721BFIGSR
Description  BLUETOOTH® RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFMD [RF Micro Devices]
Homepage  http://www.rfmd.com
Logo 

SIW1721BFIGSR Datasheet(HTML) 10 Page - RF Micro Devices

 
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
SiW1721B
60 0076 R00F SiW1721B Radio Modem IC DS
Packaging and Product Marking
Package Drawing
32-Pin QFN Drawing and Dimensions
Product Marking
32-Pin QFN Drawing
5 x 5 mm, 32-Pin QFN
NOTES:
1. SHADED AREA INDICATES PIN 1 LOCATION.
2. ALL UNITS ARE IN MILLIMETERS.
3. TOLERANCES: .XX = ± AS SHOWN
.XXX = ± AS SHOWN
3
5.00 SQ.
4.75 SQ.
2.37 TYP
2 PLCS
.10 C
.10 C
2 PLCS
-B-
2 PLCS
.10 C
-A-
.90
.85
.70
.65
.05
.00
.05 C
-C-
SEATING
PLANE
12°
MAX
.60
.24
TYP
.30
.18
.50
.30
.50
3.65
3.35 SQ.
.10
CB
2
PIN 1 ID
R.20
.10 C
2 PLCS
2.50 TYP
B
A
A
A
B
1721BFIG
YYWW
Trace Code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn