Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSP-1G020 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PSP-1G020
Description  SFP Optical Transceivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PSP-1G020 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PSP-1G020 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSP-1G020 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSP-1G020 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSP-1G020 Datasheet HTML 4Page - List of Unclassifed Manufacturers PSP-1G020 Datasheet HTML 5Page - List of Unclassifed Manufacturers PSP-1G020 Datasheet HTML 6Page - List of Unclassifed Manufacturers PSP-1G020 Datasheet HTML 7Page - List of Unclassifed Manufacturers PSP-1G020 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PSP-1G010/20-13TI
SFP Optical Transceivers
Data Sheet Ver3.0
2007-08-03
Page:6/8
Typical Interface Circuit
Recommended power supply filter
Note: Inductors with DC resistance of less than 1Ω should be used in order to maintain the required voltage at the SFP
input pin with 3.3V supply voltage. When the recommended supply filtering network is used, hot plugging of the SFP
transceiver module will result in an inrush current of no more than 30 mA greater than the steady state value.


Similar Part No. - PSP-1G020

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PSP-1000 TOTAL-POWER-PSP-1000 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
logo
Astrodyne Corporation
PSP-1000 ASTRODYNE-PSP-1000 Datasheet
438Kb / 2P
   1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-1000 MEANWELL-PSP-1000 Datasheet
362Kb / 2P
   1000W Single Output with PFC Function
logo
RSG Electronic Componen...
PSP-1000 RSG-PSP-1000 Datasheet
151Kb / 2P
   1000W Single Output with PFC Function
logo
Total Power Internation...
PSP-1000-12 TOTAL-POWER-PSP-1000-12 Datasheet
361Kb / 2P
   1000W Single Output with PFC Function
More results

Similar Description - PSP-1G020

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5701XXZ AVAGO-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
logo
Bookham, Inc.
IGP-28111J BOOKHAM-IGP-28111J Datasheet
1Mb / 17P
   SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5701Z AVAGO-AFBR-5701Z Datasheet
339Kb / 22P
   SFP OPtical Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5760Z AVAGO-AFCT-5760Z Datasheet
248Kb / 20P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers
logo
MRV Communications, Inc...
SFP-GD-BX34 MRV-SFP-GD-BX34 Datasheet
89Kb / 4P
   SFP Bidirectional Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710Z AVAGO-AFBR-5710Z Datasheet
508Kb / 20P
   Families of Multi-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5701Z AVAGO-AFCT-5701Z Datasheet
254Kb / 20P
   Families of Single-Mode Small Form Factor Pluggable (SFP) Optical Transceivers
logo
List of Unclassifed Man...
SFP-10G ETC-SFP-10G Datasheet
162Kb / 2P
   Optical SFP 10G
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com