Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN531 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PN531
Description  關C based Transmission module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PN531 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PN531 Datasheet HTML 5Page - NXP Semiconductors PN531 Datasheet HTML 6Page - NXP Semiconductors PN531 Datasheet HTML 7Page - NXP Semiconductors PN531 Datasheet HTML 8Page - NXP Semiconductors PN531 Datasheet HTML 9Page - NXP Semiconductors PN531 Datasheet HTML 10Page - NXP Semiconductors PN531 Datasheet HTML 11Page - NXP Semiconductors PN531 Datasheet HTML 12Page - NXP Semiconductors PN531 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Philips Semiconductors
Objective Short Form Specification Rev. 2.0 February 2004
PN531
µC based Transmission module
Pin
Symbol
Type
Pad Ref
Voltage
Description
this signal is used as test signal input.
25
SVDD
PWR
Connected to SAM power supply; used as a reference for communication
with the SAM.
26
P31
IO
PVDD
General purpose IO signal. Can be configured to act either as TX line of
the second serial interface or general purpose IO. In test mode this signal
is used as input and output test signal.
27
P30
IO
PVDD
General purpose IO signal. Can be configured to act either as RX line of
the second serial interface or general purpose IO. In test mode this signal
is used as input and output test signal.
28
IRQ
O
PVDD
Interrupt request: Output to signal an interrupt event to the host (Port 7 bit
0)
29
RSTOUT
IO
PVDD
Output reset signal. When Low it indicates that the circuit is in reset state.
30
DELATT
O
PVDD
Optional output for an external 1.5 KOhms resistor connection on D+.
31
NSS
IO
PVDD
Not Slave Select. In test mode this signal is used as input and output test
signal.
32
MOSI
IO
PVDD
Master Out Slave In. In test mode this signal is used as input and output
test signal
33
MISO
IO
PVDD
Master In Slave Out. In test mode this signal is used as input and output
test signal
34
SCK
IO
PVDD
Serial interface clock. In test mode this signal is used as input and output
test signal
35
PVDD
PWR
Pad power supply
36
P33_INT1
IO
PVDD
General purpose IO signal. Can be used to generate an HZ state on the
output of the selected interface for the Host communication and to enter
TAMA into power down mode without resetting the internal state of TAMA.
In test mode this signal is used as input and output test signal.
37
P32_INT0
IO
PVDD
General purpose IO signal. Can also be used as an interrupt source In test
mode this signal is used as input and output test signal.
38
RSTPD
I
PVDD
Reset and Power Down: When High, internal current sources are switched
off, the oscillator is inhibited, and the input pads are disconnected from the
outside world. With a positive edge on this pin the internal reset phase
starts.
39
DVDD
PWR
Digital Power Supply
40
VBUS
PWR
USB power supply.
9


Similar Part No. - PN531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN532 NXP-PN532 Datasheet
201Kb / 27P
   Near Field Communication (NFC) controller
Rev.3.2-20 September 2012
logo
API Technologies Corp
PN5325 APITECH-PN5325 Datasheet
63Kb / 1P
   RF AMPLIFIER MODEL
logo
NXP Semiconductors
PN533 PHILIPS-PN533 Datasheet
76Kb / 9P
   Near Field Communication (NFC) controller
Rev. 3.3-16 July 2012
PN5331B3HN NXP-PN5331B3HN Datasheet
1Mb / 236P
   Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
PN5331B3HNC270 NXP-PN5331B3HNC270 Datasheet
1Mb / 236P
   Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
More results

Similar Description - PN531

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PN511 NXP-PN511 Datasheet
627Kb / 22P
   Transmission Module
Rev. 3.3-13 June 2007
logo
Holtek Semiconductor In...
BCM-7602-G01 HOLTEK-BCM-7602-G01 Datasheet
1Mb / 4P
   BLE Transparent Transmission Module
logo
TE Connectivity Ltd
CAT-ATS0037 TEC-CAT-ATS0037 Datasheet
95Kb / 1P
   DCT TRANSMISSION SENSOR MODULE
CAT-ATS0036 TEC-CAT-ATS0036 Datasheet
113Kb / 1P
   DCT TRANSMISSION SENSOR MODULE
CAT-ATS0035 TEC-CAT-ATS0035 Datasheet
88Kb / 1P
   DCT TRANSMISSION SENSOR MODULE
logo
Panasonic Semiconductor
CND0201A PANASONIC-CND0201A Datasheet
32Kb / 2P
   Optical Transmission Module for IrDA
logo
STMicroelectronics
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
   STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
logo
NXP Semiconductors
PN512 NXP-PN512_11 Datasheet
841Kb / 125P
   Transmission module Integrated data mode detector
Rev. 3.7-18 May 2011
logo
Samsung semiconductor
M470L6524CU0 SAMSUNG-M470L6524CU0 Datasheet
225Kb / 17P
   DDR SDRAM Unbuffered Module 18 4 pin Unbuffered Module based on 512Mb C-die
logo
Silicom Ltd.
MICROBMC SILICOM-MICROBMC Datasheet
336Kb / 2P
   pfSense Based BMC Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com