Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM1N100ST Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM1N100ST
Description  POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM1N100ST Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM1N100ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1N100ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1N100ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1N100ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3.1
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Symbol
Parameter
OM1N100SA OM3N100SA OM5N100SA OM6N100SA
Units
OM1N100ST
OM3N100ST
I
AR
Avalanche Current
(Repetitive or Non-Repetitive)
T
j = 25°C
3.5
3.5
6
6
A
T
j = 100°C
2
2
3.4
3.4
A
E
AS
Single Pulse Avalanche Energy
130
130
850
850
mJ
Starting T
j = 25°C, ID = IAR,
V
DD = 25V
E
AR
Repetitive Avalanche Energy
6
6
16
16
mJ
(Pulse width limited by T
J max, d < 1%)
V
DS
Drain-Source Voltage
1000
1000
1000
1000
V
V
DGR
Drain-Source Voltage (R
GS = 20k )
1000
1000
1000
1000
V
I
D @ TC = 25°C
Continuous Drain Current
.50
3.5
5.0
6.0
A
I
D @ TC = 100°C
Continuous Drain Current
.30
2.0
3.1
3.7
A
I
DM
Pulsed Drain Current1
14
14
24
24
A
V
GS
Gate-Source Voltage
±20
±20
±20
±20
V
P
D @ TC = 25°C
Maximum Power Dissipation
90
90
130
130
W
P
D @ TC =100°C
Maximum Power Dissipation
32
32
51
51
W
Junction-To-Case
Linear Derating Factor
.87
.87
2.10
2.10
W/°C
Junction-To-Ambient Linear Derating Factor
.020
.020
.020
.020
W/°C
T
J
Operating and
T
stg
Storage Temperature Range
-55 to 150
-55 to 150
-55 to 150
-55 to 150
°C
Lead Temperature
(1/16" from case for 10secs.)
300
300
300
300
°C
1 Pulse Test: Pulse width 300 µsec. Duty Cycle 2%.
THERMAL RESISTANCE
R
thJC
Junction-To-Case
Max.
1.15
1.15
.48
.48
°C/W
MECHANICAL OUTLINE
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
.144 DIA.
.050
.040
.260
.249
.685
.665
.800
.790
.545
.535
.550
.510
.045
.035
.550
.530
.150 TYP.
.150 TYP.
.005
TO-257AA
TO-254AA
PACKAGE OPTIONS
MOD PAK
Z-TAB
6 PIN SIP
DS G
FET 1
D
S
G
FET 3
D
S
G
FET 3
D
S
G
FET 4
D
S
G
FET 2
G
S
D
FET 1
Standard Products are supplied with glass feedthroughs. For ceramic feedthroughs, add the letter “C” to the part number. Example - OMXXXXCSA
MOSFETs are also available in Z-Pak, dual and quad pak styles. Please call the factory for more information.
OM1N100SA/ST Series


Similar Part No. - OM1N100ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM100L60CMIS IRF-OM100L60CMIS Datasheet
194Kb / 10P
   CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎
logo
List of Unclassifed Man...
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05DB ETC1-OM100Q05DB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05RB ETC1-OM100Q05RB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05XX ETC1-OM100Q05XX Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
More results

Similar Description - OM1N100ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
   Isolated Hermetic Package. JEDEC TO-258AA Outline
logo
List of Unclassifed Man...
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
OM11N60SA ETC2-OM11N60SA Datasheet
33Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
logo
International Rectifier
OM11N60SA IRF-OM11N60SA Datasheet
35Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com