Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM3N100ST Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM3N100ST
Description  POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM3N100ST Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM3N100ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM3N100ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM3N100ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM3N100ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS: T
C = 25° unless otherwise noted
ELECTRICAL CHARACTERISTICS: T
C = 25° unless otherwise noted
STATIC P/N OM1N100SA (See Note 3)
STATIC P/N OM3N100SA (See Note 3)
Parameter
Min. Typ. Max. Units Test Conditions
Parameter
Min. Typ. Max. Units Test Conditions
BV
DSS
Drain-Source Breakdown
1000
V
V
GS = 0,
BV
DSS
Drain-Source Breakdown
1000
V
V
GS = 0,
Voltage
I
D = 250 mA
Voltage
I
D = 250 mA
V
GS(th)
Gate-Threshold Voltage
2.0
4.0
V
V
DS = VGS, ID = 250 mAVGS(th)
Gate-Threshold Voltage
2.0
4.0
V
V
DS = VGS, ID = 250 mA
I
GSSF
Gate-Body Leakage Forward
100
nA
V
GS = 20 V, VDS = 0
I
GSSF
Gate-Body Leakage Forward
100
nA
V
GS = 20 V
I
GSSR
Gate-Body Leakage Reverse
-100
nA
V
GS = - 20 V, VDS = 0
I
GSSR
Gate-Body Leakage Reverse
- 100
nA
V
GS = - 20 V
I
DSS
Zero Gate Voltage
0.25
mA
V
DS = Max. Rat., VGS = 0
I
DSS
Zero Gate Voltage Drain
0.25
mA
V
DS = Max. Rat., VGS = 0
Drain Current
1.0
mA
V
DS = 0.8 x Max. Rat.,
Current
1.0
mA
V
DS = 0.8 x Max. Rat.,
V
GS = 0, TC = 125° C
V
GS = 0, TC = 125° C
I
D(on)
On-State Drain Current
1.0
A
V
DS > ID(on) x RDS(on) Max.
I
D(on)
On-State Drain Current
3.5
A
V
DS > ID(on) x RDS(on) Max
V
GS = 10 V
V
GS = 10 V
R
DS(on)
Static Drain-Source On-State
SA
8.0
V
GS = 10 V
R
DS(on)
Static Drain-Source On-State
SA
5.2
V
GS = 10 V
Resisitance1, 3
ST
8.2
I
D =.5A
Resistance1, 3
ST
5.4
I
D =.5A
R
DS(on)
Static Drain-Source On-State
SA
15.0
V
GS = 10 V
R
DS(on)
Static Drain-Source On-State
SA
10.0
V
GS = 10 V
Resistance1, 3
ST
15.4
I
D =.5A, TC = 100° C
Resistance1, 3
ST
10.4
I
D =.5A, TC = 100° C
DYNAMIC
DYNAMIC
g
fs
Forward Transductance
1.0
S
V
DS = 10V, ID = 1 A
g
fs
Forward Transductance
1.0
S
V
DS = 10, ID = 1.5 A
C
iss
Input Capacitance
950
pF
V
GS = 0
C
iss
Input Capacitance
950
pF
V
GS = 0
C
oss
Output Capacitance
110
pF
V
DS = 25 V
C
oss
Output Capacitance
110
pF
V
DS = 25 V
C
rss
Reverse Transfer Capacitance
40
pF
f = 1 MHz
C
rss
Reverse Transfer Capacitance
40
pF
f = 1 MHz
T
d(on)
Turn-On Delay Time
90
ns
T
d(on)
Turn-On Delay Time
90
ns
t
r
Rise Time
90
ns
t
r
Rise Time
90
ns
T
d(off)
Turn-Off Delay Time
115
ns
T
d(off)
Turn-Off Delay Time
115
ns
t
f
Fall Time
75
ns
t
f
Fall Time
75
ns
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
BODY-DRAIN DIODE RATINGS AND CHARACTERISTICS
I
S
Continuous Source Current
3.5
A
Modified MOSPOWER
I
S
Continuous Source Current
3.5
A
Modified MOSPOWER
(Body Diode)
symbol showing
(Body Diode)
symbol showing
I
SM
Source Current1
14
A
the integral P-N
I
SM
Source Current1
14
A
the integral P-N
(Body Diode)
Junction rectifier.
(Body Diode)
Junction rectifier.
V
SD
Diode Forward Voltage2
2.5
V
T
C = 25 C, IS = 3.5 A, VGS = 0
V
SD
Diode Forward Voltage2
2.5
V
T
C = 25 C, IS = 3.5 A, VGS = 0
t
rr
Reverse Recovery Time
900
ns
I
F = IS, VDD = 100 V
t
rr
Reverse Recovery Time
900
ns
I
F = IS, VDD = 100 V
dl
F/ds = 100 A/ms, TJ = 150 C
dl
F/ds = 100 A/ms, TJ = 150 C
1 Pulse Test: Pulse Width 300msec, Duty Cycle
1.5%.
1 Pulse Test: Pulse Width 300msec, Duty Cycle
1.5%.
2 Pulse Width limited by safe operating area.
2 Pulse Width limited by safe operating area.
3 OM1N100ST - All characteristics the same except R
DS(on)
3 OM3N100ST - All characteristics the same except R
DS(on)
VDD = 600 V, ID = 3.5
RG = 50W, VGS = 10 V
VDD = 600 V, ID = 3.5
RG = 50W, VGS = 10 V
G
D
S
G
D
S


Similar Part No. - OM3N100ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM300L60CMA ETC1-OM300L60CMA Datasheet
70Kb / 3P
   OM300L60CMA
logo
NXP Semiconductors
OM3105N PHILIPS-OM3105N Datasheet
36Kb / 8P
   Hybrid integrated circuits for inductive proximity detectors
January 1994
OM3105P PHILIPS-OM3105P Datasheet
36Kb / 8P
   Hybrid integrated circuits for inductive proximity detectors
January 1994
OM3115N PHILIPS-OM3115N Datasheet
36Kb / 8P
   Hybrid integrated circuits for inductive proximity detectors
January 1994
OM3115P PHILIPS-OM3115P Datasheet
36Kb / 8P
   Hybrid integrated circuits for inductive proximity detectors
January 1994
More results

Similar Description - OM3N100ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
logo
International Rectifier
OM7662SC IRF-OM7662SC_15 Datasheet
40Kb / 4P
   Isolated Hermetic Package. JEDEC TO-258AA Outline
logo
List of Unclassifed Man...
OM6017SA ETC-OM6017SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED TO-254AA PACKAGE
OM11N60SA ETC2-OM11N60SA Datasheet
33Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
logo
International Rectifier
OM11N60SA IRF-OM11N60SA Datasheet
35Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED
OM6025SA IRF-OM6025SA Datasheet
50Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-254AA SIZE 6 DIE
logo
List of Unclassifed Man...
OMY140 ETC-OMY140 Datasheet
39Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED TO-257AA PACKAGE
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
   TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com