Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMH05A Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. CMH05A
Description  Switching Mode Power Supply Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

CMH05A Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMH05A
2006-11-08
3
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
0
0
0.2
0.6
0.2
0.4
0.6
1.4
0.4
160
60
0
20
40
80
100
120
140
Instantaneous forward voltage vF
(V)
iF – vF
0.6
0.01
1
100
1.0
1.4
2.6
150°C
Tj = 25°C
75°C
0.1
10
0.8
0.8
1.4
0.2
0
0.4
0.8
0.6
1.0
1.2
Pulse test
Average forward current IF (AV)
(A)
Ta max – IF (AV)
0.4
0
0.2
0.8
0.6
1.0
1.2
160
60
0
20
40
80
100
120
140
1000
1
100
10
0.001
1000
0.01
0.1
100
10
1
3
5
30
50
300
500
0.003
0.03
0.3
3
30
300
Time t (s)
rth (j-a) – t
3.0
1.0
1.2
1.8
2.2
3.4
3.8
1.2
1.0
360°
180°
Rectangular
Waveform
360°
180°
Rectangular
Waveform
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 6.0 mm
× 6.0 mm
board thickness: 1.6 t
360°
180°
Rectangular
Waveform
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 2.1 mm
× 1.4 mm
board thickness: 1.6 t
Device mounted on a glass-epoxy board:
board size: 50 mm
× 50 mm
Soldering land: 6.0 mm
× 6.0 mm
board thickness: 1.6 t
Device mounted on a ceramic board:
board size: 50 mm
× 50 mm
Soldering land: 2.0 mm
× 2.0 mm
board thickness: 0.64 t


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
20DL2CZ51A_06SWITCHING MODE POWER SUPPLY APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
CMH02Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
20JL2C41_06SWITCHING MODE POWER SUPPLY APPLICATIONS 1 2 3 4 Toshiba Semiconductor
CMH02ASwitching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
20JL2C41A_06SWITCHING MODE POWER SUPPLY APPLICATIONS 1 2 3 4 Toshiba Semiconductor
CMH04Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
CLH01Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
CLH02Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
CLH05Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn