Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMH05A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. CMH05A
Description  Switching Mode Power Supply Applications
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

CMH05A Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CMH05A
2006-11-08
4
1
100
10
0
10
20
30
5
15
Ta
= 25°C
f
= 50 Hz
Number of cycles
Surge forward current
(non-repetitive)
Reverse voltage VR (V)
Cj – VR
(Typ.)
1
1
5
10
100
10
3
50
30
100
Ta
= 25°C
f
= 1 MHz
25


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
20DL2CZ51A_06SWITCHING MODE POWER SUPPLY APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
CMH02Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
20JL2C41_06SWITCHING MODE POWER SUPPLY APPLICATIONS 1 2 3 4 Toshiba Semiconductor
CMH02ASwitching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
20JL2C41A_06SWITCHING MODE POWER SUPPLY APPLICATIONS 1 2 3 4 Toshiba Semiconductor
CMH04Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
CLH01Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
CLH02Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor
CLH05Switching Mode Power Supply Applications 1 2 3 4 5 Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn