Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16804 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX16804
Description  High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX16804 Datasheet(HTML) 4 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
High-Voltage, 350mA LED Driver with
Analog and PWM Dimming Control
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = 12V, VEN = VIN, CV5 = 0.1µF, IV5 = 0, CS- = GND, RSENSE = 0.56
Ω, connect OUT to CS+, VDIM = 4V, TA = +25°C, unless
otherwise noted.)
DROPOUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
125
VIN = 12V
ILOAD = 350mA
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
5
10
20
15
25
30
35
40
0
-40
125
VIN = 40V
VIN = 20V
VIN = 12V
VIN = 6.5V
+5V REGULATOR OUTPUT
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
5.05
5.10
5.15
5.20
5.00
-40
125
NO LOAD
VIN = 12V
ILOAD = 1mA
ILOAD = 2mA
+5V REGULATOR OUTPUT vs. VIN
VIN (V)
35
30
25
20
15
10
5.05
5.10
5.15
5.20
5.00
540
ILOAD = 1mA
NO LOAD
ILOAD = 2mA
(VCS+ - VCS-) vs. IV5
IV5 (mA)
7
6
4
5
2
3
1
0.1981
0.1982
0.1983
0.1984
0.1985
0.1986
0.1987
0.1988
0.1989
0.1990
0.1980
08
9
10
ILOAD = 350mA
VIN = 12V
200Hz DIMMED OPERATION
MAX16804 toc09
20
μs/div
VDIM
2V/div
ILOAD
200mA/div
0V
0A
ILOAD = 350mA
VIN = 12V
DIM PULSED AT
200Hz (1% DUTY
CYCLE)
LED CURRENT FALL TIME (EXPANDED)
MAX16804 toc10
20
μs/div
VDIM
2V/div
ILED
200mA/div
0V
0A
DIM PULSED AT
200Hz
LED CURRENT RISE TIME (EXPANDED)
MAX16804 toc11
20
μs/div
VDIM
2V/div
ILED
200mA/div
0V
0A
DIM PULSED AT
200Hz


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn