Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX16804 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX16804
Description  High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX16804 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX16804 current regulator operates from a 5.5V to
40V input voltage range and delivers 35mA to 350mA to
one or more strings of high-brightness LEDs (HB LEDs).
The output current of the MAX16804 is set by using an
external current-sense resistor in series with the LEDs. A
dual-mode DIM pin and on-board 200Hz ramp generator
allow PWM dimming with an analog or PWM input signal.
The analog control signal at dimming input DIM allows for
a theater-dimming effect to be implemented. Fast turn-on
and turn-off times ensure a wide-range PWM operation,
while wave-shaping circuitry minimizes EMI. The differen-
tial current-sense input increases LED current accuracy
and noise immunity. The MAX16804 is well suited for
applications requiring high-voltage input and is able to
withstand automotive load-dump events up to 45V. An
on-board pass element minimizes external components
while providing 3% output-current accuracy. Additional
features include a 5V regulated output and short-circuit
and thermal protection.
The MAX16804 is available in a thermally enhanced,
5mm x 5mm, 20-pin TQFN package and is specified over
the automotive -40°C to +125°C temperature range.
Applications
Automotive Interior: Map, Dome, and Courtesy
Lighting
Automotive Exterior:
Rear Combination Light (RCL)
Daytime Running Light (DRL)
Adaptive Front Light
Warning Lights for Emergency Vehicles
Navigation and Marine Indicators
Signage, Canopies, and Beacons
Features
♦ Flexible Dimming Control, Analog or PWM
Control Signal for PWM and Theater Dimming
♦ 200Hz On-Board Ramp Generator
♦ Sinks to External PWM Signal (Up to 2kHz)
♦ 5.5V to 40V Operating Range
♦ 35mA to 350mA Adjustable LED Current
♦ 3% LED Current Accuracy
♦ High-Voltage (Up to 40V) DIM Pin
♦ Integrated Pass Element with Low-Dropout
Voltage (0.5V typ)
♦ Additional +5V On-Board Regulator with 2mA
Capability
♦ Differential LED Current Sense
♦ Low 200mV Current-Sense Reference Reduces
Power Losses
♦ Wave-Shaped Edges Minimize EMI During PWM
Dimming
♦ Output Short-Circuit and Thermal-Shutdown
Protection
♦ Available in Small, Thermally Enhanced,
5mm x 5mm, 20-Pin TQFN Package
♦ -40°C to +125°C Operating Temperature Range
High-Voltage, 350mA LED Driver with
Analog and PWM Dimming Control
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX16804
IN
OUT
V5
LEDs
RSENSE
ILED
0.1
μF
+5.5V TO +40V
+5V REG
CS+
0.1
μF
CS-
DIM
GND
EN
V5
ANALOG CONTROL PWM DIMMING
Simplified Diagrams
19-0589; Rev 0; 7/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+Denotes lead-free package.
*EP = Exposed pad.
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX16804ATP+
-40°C to +125°C
20 TQFN-EP*
T2055M-5
MAX16804
IN
OUT
V5
LEDs
RSENSE
0.1
μF
+5.5V TO +40V
PWM CONTROL DIMMING
+5V REG
CS+
0.1
μF
CS-
DIM
PWM DIMMING
GND
EN
ILED


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn