Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMG02 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # CMG02
Description  General Purpose Rectifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMG02 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  CMG02 Datasheet HTML 1Page - Toshiba Semiconductor CMG02 Datasheet HTML 2Page - Toshiba Semiconductor CMG02 Datasheet HTML 3Page - Toshiba Semiconductor CMG02 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CMG02
2006-11-06
3
Instantaneous forward voltage vF
(V)
iF – vF
0.2 0.4
0.01
0.1
1
100
0.6
0.8
1.2 1.4
Pulse test
Average forward current IF (AV) (A)
PF (AV) – IF (AV)
0.0
0.4
2.4
0.6
1.2
0.0
0.4 0.6
2.4
0.2
0.8
2.0
Average forward current IF (AV) (A)
Tℓ max – IF (AV)
0.0
0
40
160
0.2
0.6 0.8 1.0
1.4
2.2
20
60
120
100
0.4
1.2
80
140
Average forward current IF (AV) (A)
Ta max – IF (AV)
0
0
40
160
0.2
0.6 0.8 1.0
1.4
2.2
20
60
120
100
0.4
1.2
80
140
Number of cycles
Surge forward current
(non-repetitive)
1
100
10
0
10
100
30
20
40
3
5
30
50
Time t (s)
rth (j-a) – t
1000
0.1
100
0.001
1000
0.01
0.1
100
10
1
Device mounted on a glass-epoxy
board:
board size: 50 mm
× 50 mm
Soldering land: 2.1 mm
× 1.4 mm
board thickness: 1.6 t
Device mounted on a glass-epoxy
board:
board size: 50 mm
× 50 mm
Soldering land: 6.0 mm
× 6.0 mm
board thickness: 1.6 t
Device mounted on a ceramic
board:
board size: 50 mm
× 50 mm
Soldering land: 2.0 mm
× 2.0 mm
board thickness: 0.64 t
1
10
Halfsine waveform
180°
Conduction angle 180°
Halfsine waveform
180°
Conduction angle 180°
Halfsine waveform
180°
Conduction angle 180°
1.0
1.6 1.8 2.0
2.2 2.4
10
1.0 1.2 1.4 1.6 1.8 2.0 2.2
0.2
0.8
1.0
1.4
1.6
1.8
2.2
1.6 1.8
2.0
1.6
1.8 2.0
50
60
70
80
90
Device mounted on a glass-epoxy board:
Soldering land: 2.1 mm
× 1.4 mm
Device mounted on a glass-epoxy board:
Soldering land: 6.0 mm
× 6.0 mm
Device mounted on a ceramic board:
Soldering land: 2.0 mm
× 2.0 mm
25°C
75°C
Tj = 150°C


Similar Part No. - CMG02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMG010020 ETC2-CMG010020 Datasheet
70Kb / 1P
   The CMG Series is a self powered
logo
Toshiba Semiconductor
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
CMG03A TOSHIBA-CMG03A Datasheet
310Kb / 7P
   Rectifier Diode Silicon Diffused Junction
CMG06A TOSHIBA-CMG06A Datasheet
297Kb / 7P
   Rectifier Diode Silicon Diffused Junction
More results

Similar Description - CMG02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
   GENERAL PURPOSE RECTIFIER APPLICATIONS.
CMG03 TOSHIBA-CMG03 Datasheet
155Kb / 4P
   General Purpose Rectifier Applications
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
   General Purpose Rectifier Applications
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
   GENERAL PURPOSE RECTIFIER APPLICATIONS
1R5JZ41 TOSHIBA-1R5JZ41 Datasheet
135Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
1N4001WS KEXIN-1N4001WS Datasheet
63Kb / 2P
   General Purpose Rectifier Applications
logo
Toshiba Semiconductor
CRG09 TOSHIBA-CRG09 Datasheet
188Kb / 6P
   General Purpose Rectifier Applications
U10LC48 TOSHIBA-U10LC48_07 Datasheet
206Kb / 4P
   General Purpose Rectifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com