Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND470625 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # ND470625
Description  POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND470625 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  ND470625 Datasheet HTML 1Page - Powerex Power Semiconductors ND470625 Datasheet HTML 2Page - Powerex Power Semiconductors ND470625 Datasheet HTML 3Page - Powerex Power Semiconductors ND470625 Datasheet HTML 4Page - Powerex Power Semiconductors ND470625 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
250 Amperes / Up to 1600 Volts
Revision Date: 12/04/2002
ND47__25
Maximum On-State Forward Voltage Drop
0.00
1.00
2.00
3.00
4.00
5.00
10
100
1000
10000
Instantaneous On-State Current - Itm/Ifm - Amperes
( Tj = 130 °C )
Maximum Transient Thermal Impedance
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction to Case, Per Junction)
0
180
360
CONDUCTION ANGLE
M ax im u m O n -S tate P o w er D is sip atio n
15°
30°
60°
90°
120°
180°
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Av erag e O n -S tate C u rren t - It / If (av ) - A m p eres
(S inusoidal W av efo rm )
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
80
85
90
95
100
105
110
115
120
125
130
0
50
100
150
200
250
300
Average On-State Current - It / If (av) - Am peres
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
90°
60°
30°
120°
180°
270°
15°
360°
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
Average On-State Current - It / If (av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allow able Case Temperature
270°
180°
120°
90°
60°
30°
15°
360°
70
80
90
100
110
120
130
0
100
200
300
400
500
Average On-State Current - It / If (av) - Amperes
(Rectangular W aveform)


Similar Part No. - ND470625

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND470625 POWEREX-ND470625 Datasheet
142Kb / 5P
   Dual SCR/Diode Isolated Module
ND470625 POWEREX-ND470625_12 Datasheet
142Kb / 5P
   Dual SCR/Diode Isolated Module
More results

Similar Description - ND470625

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
ND4325 POWEREX-ND4325 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / Up to 1600 Volts)
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
CD6215A POWEREX-CD6215A Datasheet
111Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module 150 Amperes / Up to 1600 Volts
CD42 POWEREX-CD42 Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 40 Amperes / Up to 1600 Volts
CD4290A POWEREX-CD4290A Datasheet
106Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD4390A POWEREX-CD4390A Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 90 Amperes / Up to 1600 Volts
LD4350 POWEREX-LD4350 Datasheet
103Kb / 5P
   POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
CD4360 POWEREX-CD4360 Datasheet
102Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module 60 Amperes / Up to 1600 Volts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com