Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE2225 Datasheet(PDF) 1 Page - Sumida Corporation

Part # EE2225
Description  General Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EE2225 Datasheet(HTML) 1 Page - Sumida Corporation

  EE2225 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer < Pin Type:EE Series>
Type: EE2225
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
6 -2.54 ±0.3
22.5 ±0. 5
φ0 .6
20. 0 ±1.0
◆ Product Description
・23.0×19.0mm Max.(L×W), 26.0mm Max. Height.
・In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements
◆ Feature
・Max. Operating frequency 300KHz. Max. Operating power 18.0W(300kHz)
・Ideally used in EL inverter, camera, Switching regulator.
・RoHS Compliance
◆ Dimensions (mm)
◆ Schematics (Bottom)
“ S” is winding start
◆ Specification
Sample No.
Inductance (9-8)
1kHz/1V
D.C.R.
(10-8)
Hi-pot
(10,8-1,2,3,12,14)(50/60Hz)
4398-T023
2.4mH ± 20%
4.0Ω Max.
AC 1500Vrms/1 min.
P5
P2
P1
P1
P2
S2
S1
V1
V2
V3


Similar Part No. - EE2225

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EE22 YUXIANG-EE22 Datasheet
59Kb / 2P
   EE Core
logo
E+E Elektronik Ges.m.b....
EE220 EPLUSE-EE220 Datasheet
3Mb / 10P
   Humidity and Temperature Sensor with Interchangeable Probes
01-2024
More results

Similar Description - EE2225

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
   General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
   General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
   General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
   General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
   General Power Transformer
LC-12U SUMIDA-LC-12U Datasheet
114Kb / 1P
   General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
   General Power Transformer
EP2013 SUMIDA-EP2013 Datasheet
56Kb / 1P
   General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
   General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
   General Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com