Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND411426 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # ND411426
Description  POW-R-BLOK Dual Diode Isolated Module (260 Amperes / Up to 2000 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND411426 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  ND411426 Datasheet HTML 1Page - Powerex Power Semiconductors ND411426 Datasheet HTML 2Page - Powerex Power Semiconductors ND411426 Datasheet HTML 3Page - Powerex Power Semiconductors ND411426 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual Diode Isolated Module
260 Amperes / Up to 2000 Volts
Revision Date: 11/1/2001
ND41__26
Maximum Transient Therm al Impedance
.00
.02
.04
.06
.08
.10
.12
.14
.16
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction to Case)
Ma x im um On-Sta te Forw a rd Volta ge Drop
0
1
2
3
4
5
10
100
1000
10000
Instantaneous On-State Current - Ifm - Am peres
( Tj = 150 °C )
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
15°
30°
60°
90°
120°
180°
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
110
115
120
125
130
135
140
145
150
0
50
100
150
200
250
300
Average On-State Current - If(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
90°
60°
30°
120°
180°
270°
15°
360°
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
15°
360°C
90
100
110
120
130
140
150
0
50
100
150
200
250
300
350
400
450
Average On-State Current - If(av) - Amperes
(Rectangular Waveform)


Similar Part No. - ND411426

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ND411G-1R RENESAS-ND411G-1R Datasheet
208Kb / 4P
   SCHOTTKY BARRIER DIODE
1989
More results

Similar Description - ND411426

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
ND4321 POWEREX-ND4321 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (210 Amperes / Up to 2000 Volts)
ND432025 POWEREX-ND432025 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 2000 Volts)
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
   POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
LD4160 POWEREX-LD4160 Datasheet
100Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com