Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20DL2CZ51A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 20DL2CZ51A
Description  SWITCHING MODE POWER SUPPLY APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

20DL2CZ51A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  20DL2CZ51A Datasheet HTML 1Page - Toshiba Semiconductor 20DL2CZ51A Datasheet HTML 2Page - Toshiba Semiconductor 20DL2CZ51A Datasheet HTML 3Page - Toshiba Semiconductor 20DL2CZ51A Datasheet HTML 4Page - Toshiba Semiconductor 20DL2CZ51A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20DL2CZ51A,20FL2CZ51A
2006-11-08
2
MARKING
Abbreviation Code
Part No.
20DL2CZ
20DL2CZ51A
20FL2CZ
20FL2CZ51A
Handling Precaution
The absolute maximum ratings denote the absolute maximum ratings, which are rated values and must not be
exceeded during operation, even for an instant. The following are the general derating methods that we recommend
when you design a circuit with a device.
VRRM: We recommend that the worst case voltage, including surge voltage, be no greater than 80% of the
absolute maximum rating of VRRM for a DC circuit and be no greater than 50% of that of VRRM for
an AC circuit. VRRM has a temperature coefficient of 0.1%/°C. Take this temperature coefficient into
account designing a device at low temperature.
IO:
We recommend that the worst case current be no greater than 80% of the absolute maximum rating
of IO. Carry out adequate heat design. If you can’t design a circuit with excellent heat radiation, set
the margin by using an allowable Tamax-IO curve.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180.
Therefore, this is only applied for an abnormal operation, which seldom occurs during the lifespan of the device.
We recommend that a device be used at a Tj of below 120°C under the worst load and heat radiation conditions.
Please refer to the Rectifiers databook for further information.
20DL2CZ
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 20DL2CZ51A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
20DL2CZ51A TOSHIBA-20DL2CZ51A Datasheet
197Kb / 3P
   DIODE (SWITCHING TYPE POWER SUPPLY APPLICATION)
More results

Similar Description - 20DL2CZ51A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
   Switching Mode Power Supply Applications
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
   Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
   Switching Mode Power Supply Applications
20JL2C41 TOSHIBA-20JL2C41_06 Datasheet
249Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATIONS
CLH02 TOSHIBA-CLH02 Datasheet
202Kb / 5P
   Switching Mode Power Supply Applications
CLH07 TOSHIBA-CLH07 Datasheet
201Kb / 5P
   Switching Mode Power Supply Applications
CMF02 TOSHIBA-CMF02 Datasheet
165Kb / 4P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com