Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND410826 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # ND410826
Description  POW-R-BLOK Dual Diode Isolated Module (260 Amperes / Up to 2000 Volts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

ND410826 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  ND410826 Datasheet HTML 1Page - Powerex Power Semiconductors ND410826 Datasheet HTML 2Page - Powerex Power Semiconductors ND410826 Datasheet HTML 3Page - Powerex Power Semiconductors ND410826 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual Diode Isolated Module
260 Amperes / Up to 2000 Volts
Revision Date: 11/1/2001
ND41__26
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to 2000V, TJ=150°C
50
mA
Peak On-State Voltage
VFM
IFM=1500A
1.35
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 150°C, I = 15%IF(AV) to πIF(AV)
0.764
0.360
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 150°C, I = πIF(AV) to IFSM
.710
0.420
V
mΩ
VTM Coefficients, Full Range
TJ = 150°C, I = 15%IF(AV) to IFSM
VFM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.7140
0.0232
4.72 E-4
-6.71 E-3
Diode Reverse Recovery Time (Typical)
trr
Ifm = 1500A, Tp = 190 µs
di/dt = -25A/µs
10
µ
s
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction both conducting
0.07
0.14
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/
τ1))
+ K2 (1-exp(-t/
τ2))
+ K3 (1-exp(-t/
τ3))
+ K4 (1-exp(-t/
τ4))
K1 = 5.27E-3
K2 = 1.17E-2
K3 = 5.26E-2
K4 = 6.97E-2
τ1 = 1.69E-4
τ2 = 2.07E-2
τ3 = 2.37E-1
τ4 = 2.46
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.03
°C/W


Similar Part No. - ND410826

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ND411G-1R RENESAS-ND411G-1R Datasheet
208Kb / 4P
   SCHOTTKY BARRIER DIODE
1989
logo
Powerex Power Semicondu...
ND4126 POWEREX-ND4126 Datasheet
134Kb / 4P
   260 Amperes / Up to 2400 Volts Dual Diode Isolated Module
ND4126 POWEREX-ND4126_10 Datasheet
134Kb / 4P
   260 Amperes / Up to 2400 Volts Dual Diode Isolated Module
More results

Similar Description - ND410826

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS414020 POWEREX-PS414020 Datasheet
349Kb / 5P
   POW-R-BLOK Single Diode Isolated Module 2000 Amperes / Up to 4000 Volts
ND4321 POWEREX-ND4321 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (210 Amperes / Up to 2000 Volts)
ND432025 POWEREX-ND432025 Datasheet
101Kb / 4P
   POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 2000 Volts)
LD412060 POWEREX-LD412060 Datasheet
393Kb / 6P
   POW-R-BLOK Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
LD4160 POWEREX-LD4160 Datasheet
100Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (600 Amperes / Up to 2400 Volts)
PD4111 POWEREX-PD4111 Datasheet
88Kb / 5P
   POW-R-BLOK Dual Diode Isolated Module (1100 Amperes / Up to 2400 Volts)
CD4290 POWEREX-CD4290 Datasheet
103Kb / 4P
   POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
CD41 POWEREX-CD41 Datasheet
105Kb / 4P
   POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
LD4750 POWEREX-LD4750 Datasheet
102Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
ND4225 POWEREX-ND4225 Datasheet
107Kb / 5P
   POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com