Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N138 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 6N138
Description  GaA?밃s Ired & Photo IC Current Loop Driver.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

6N138 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  6N138_07 Datasheet HTML 1Page - Toshiba Semiconductor 6N138_07 Datasheet HTML 2Page - Toshiba Semiconductor 6N138_07 Datasheet HTML 3Page - Toshiba Semiconductor 6N138_07 Datasheet HTML 4Page - Toshiba Semiconductor 6N138_07 Datasheet HTML 5Page - Toshiba Semiconductor 6N138_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6N138,6N139
2007-10-01
5
Test Circuit 1.
(*)CL is approximately 15pF which includes probe
and stray wiring capacitance.
Test Circuit 2.
4
+5V
VO
CL (*)
RL
IF
IF
0
VO
VOL
1.5V
1.5V
5V
tr
tpHL
10% Duty cycle
1 / f < 100μs
IF MonitorF
7
6
5
1
2
3
8
Pulse gen.
Zo = 50Ω
tf = 5ns
5V
VO
10%
90%
90%
10%
tf
(Saturated
Response)
(Non-
Saturated
Response)
tpLH
VOL
VO
Swith at B : IF = 1.6mA
5V
VO
VCM
0V
tr, tf = 0.64μs
400V
tf
90%
10%
tr
Swith at A : IF = 0mA
A
VFF
IF
Pulse gen
B
4
+5V
VO
RCC
7
6
5
1
2
3
8
+
VCM


Similar Part No. - 6N138_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Similar Description - 6N138_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com