Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N136 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 6N136
Description  GaA?밃s Ired & Photo IC Digital Logic Isolation.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

6N136 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  6N136 Datasheet HTML 1Page - Toshiba Semiconductor 6N136 Datasheet HTML 2Page - Toshiba Semiconductor 6N136 Datasheet HTML 3Page - Toshiba Semiconductor 6N136 Datasheet HTML 4Page - Toshiba Semiconductor 6N136 Datasheet HTML 5Page - Toshiba Semiconductor 6N136 Datasheet HTML 6Page - Toshiba Semiconductor 6N136 Datasheet HTML 7Page - Toshiba Semiconductor 6N136 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6N135,6N136
2007-10-01
6
IOH (1) – Ta
Ambient temperature Ta (°C)
100
1
3
50
30
10
5
0
40
80
120
160
0.6
300
Ambient temperature Ta (°C)
Δ
VF / ΔTa – IF
Forward current IF (mA)
-2.6
0.1
-2.4
-2.2
-2.0
-1.8
-1.6
0.3 0.5
1
3
5
10
-1.4
30
IO / IF - IF
Forward current IF (mA)
50
30
10
5
3
1
0.5
0.3
100
50
30
10
5
3
1
VCC = 5V
VO = 0.4V
25°C
Ta =
-25°C
100°C
IF – VF
Forward voltage VF (V)
100
50
1.0
30
10
5
1.2
1.4
1.6
1.8
2.0
3
1
0.5
0.3
0.1
0.05
0.03
0.01
Ta = 25°C
Forward current IF (mA)
IO - IF
10
0.01
3
0.5
0.3
0.03
100
300
50
30
10
5
3
1
0.1
0.05
0.1
1
5
VCC = 5V
VO = 0.4V
Ta = 25°C
0.3 0.5
IO / IF – Ta
0
0
20
40
60
80
-20
100
0.2
-40
0.4
0.6
0.8
1.0
1.2
Normalized
TO :
IF = 16mA
VCC = 4.5V
VO = 0.4V


Similar Part No. - 6N136

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
6N136 QT-6N136 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
6N136 FAIRCHILD-6N136 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136 AVAGO-6N136 Datasheet
479Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Sharp Corporation
6N136 SHARP-6N136 Datasheet
72Kb / 5P
   General Purpose Type Photocoupler
logo
Vishay Siliconix
6N136 VISHAY-6N136 Datasheet
148Kb / 8P
   High Speed Optocoupler, 1 MBd, Phtotdiode with Transistor Output
Rev. 1.5, 07-May-08
More results

Similar Description - 6N136

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N137 TOSHIBA-6N137_07 Datasheet
202Kb / 8P
   GaA?밃s Ired & Photo IC Degital Logic Isolation
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com