Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6N135 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. 6N135
Description  GaAℓAs Ired & Photo IC Digital Logic Isolation.
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

6N135 Datasheet(HTML) 5 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6N135,6N136
2007-10-01
5
Test Circuit 1.
(*) CL is approximately 15PF which includes probe and stray
wiring capacitance.
Test Circuit 2.
VOL
IF
0
VO
1.5V
1.5V
5V
tpLH
tpHL
7
6
5
1
2
3
4
8
5V
VO
CL
(*)
IF
PULSE GEN.
Zo = 50Ω
tf = 5ns
10% DUTY
CYCLE
IF
MONITOR
VOL
VCM
0V
VO
SWITCH AT B : IF = 16mA
tr, tf = 8ns
5V
VO
10V
10%
tf
90%
90%
10%
tr
SWITCH AT A : IF = 0mA
7
6
5
1
2
3
4
8
5V
VO
A
B
VFF
IF
PULSE GEN.
VCM


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn