Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7SG08AFS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7SG08AFS
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7SG08AFS Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7SG08AFS
2007-11-01
4
AC Electrical Characteristics (input tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
26.9
1.1~1.3
10.9
18.4
1.0
34.2
1.4~1.6
5.9
8.5
1.0
10.0
1.65~
1.95
4.5
6.2
1.0
6.7
2.3~2.7
2.9
3.9
1.0
4.4
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
2.2
3.1
1.0
3.7
0.9
30.0
1.1~1.3
12.0
21.5
1.0
37.2
1.4~1.6
6.5
9.3
1.0
11.2
1.65~
1.95
5.0
6.9
1.0
7.1
2.3~2.7
3.2
4.4
1.0
5.0
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
2.5
3.4
1.0
3.9
0.9
45.0
1.1~1.3
18.0
29.6
1.0
56.0
1.4~1.6
8.9
13.1
1.0
15.9
1.65~
1.95
6.9
9.2
1.0
9.6
2.3~2.7
4.4
5.7
1.0
6.1
Propagation delay time
tPLH
tPHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
3.5
4.4
1.0
4.8
ns
Input capacitance
CIN
3.6
3
pF
Power dissipation capacitance
CPD
(Note9)
0.9~3.6
6
pF
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn