Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7SET125F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. TC7SET125F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SET125F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7SET125F Datasheet HTML 1Page - Toshiba Semiconductor TC7SET125F Datasheet HTML 2Page - Toshiba Semiconductor TC7SET125F Datasheet HTML 3Page - Toshiba Semiconductor TC7SET125F Datasheet HTML 4Page - Toshiba Semiconductor TC7SET125F Datasheet HTML 5Page - Toshiba Semiconductor TC7SET125F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TC7SET125F/FU
2004-06-04
3
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
3.7
6.0
1.0
6.9
Propagation delay time
tpLH
tpHL
5.0
± 0.5
50
6.0
10.4
1.0
11.9
ns
15
3.6
5.6
1.0
6.5
3-state output enable time
tpZL
tpZH
5.0
± 0.5
50
6.0
10.3
1.0
11.9
ns
3-state output disable time
tpLZ
tpHZ
5.0
± 0.5
50
7.3
10.0
1.0
11.5
ns
Input capacitance
CIN
4
10
pF
Output capacitance
COUT
6
pF
Power dissipation capacitance
CPD
(Note)
15
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn