Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7SET125F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7SET125F
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

TC7SET125F Datasheet(HTML) 1 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SET125F/FU
2004-06-04
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SET125F,TC7SET125FU
Bus Buffer
Features
TC7SET125F
TC7SET125FU
Weight
SSOP5-P-0.95
: 0.016 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)
• High speed ................................. tpd = 3.7 ns (typ.)
at VCC = 5 V
• Low power dissipation .............. ICC = 2 µA (max)
at Ta = 25°C
• Compatible with TTL outputs...VIL = 0.8 V (max.)
VIH = 2.0 V (min.)
• 5.5V tolerant input.
Maximum Ratings (Ta = 25°C)
Marking
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
Type name
G
B
Pin Assignment (top view)
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
200
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
G
IN A
GND
1
2
3
5
4
VCC
OUT Y


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn