Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4020 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK4020
Description  Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK4020 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK4020 Datasheet HTML 1Page - Toshiba Semiconductor 2SK4020 Datasheet HTML 2Page - Toshiba Semiconductor 2SK4020 Datasheet HTML 3Page - Toshiba Semiconductor 2SK4020 Datasheet HTML 4Page - Toshiba Semiconductor 2SK4020 Datasheet HTML 5Page - Toshiba Semiconductor 2SK4020 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK4020
2006-11-21
1
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (π−MOS V)
2SK4020
Chopper Regulator, DC/DC Converter and Motor Drive
Applications
4-V gate drive
Low drain−source ON-resistance
: RDS (ON) = 0.56 Ω (typ.)
High forward transfer admittance
: |Yfs| = 4.5 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 200 V)
Enhancement mode
: Vth = 1.5~3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain−source voltage
VDSS
200
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
200
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
5
A
Drain current
Pulse (Note 1)
IDP
20
A
Drain power dissipation (Tc = 25°C)
PD
20
W
Single-pulse avalanche energy
(Note 2)
EAS
65
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy (Note 3)
EAR
2
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
6.25
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
125
°C / W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 50 V, Tch = 25°C (initial), L = 4.2 mH, RG = 25 Ω, IAR = 5 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
TOSHIBA
2-7J2B
Weight: 0.36 g (typ.)
0.6±0.15
0.8 MAX.
12
1.1 MAX.
0.6±0.15
0.6 MAX
0.6 MAX.
1.1±0.2
6.5±0.2
2.3
2.3
5.2±0.2
0.9


Similar Part No. - 2SK4020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4020 TOSHIBA-2SK4020 Datasheet
424Kb / 6P
   Chopper Regulators, DC-DC Converters and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK4020 ISC-2SK4020 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK4020 TOSHIBA-2SK4020_09 Datasheet
424Kb / 6P
   Chopper Regulators, DC-DC Converters and Motor Drive Applications
More results

Similar Description - 2SK4020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_06 Datasheet
697Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4019 TOSHIBA-2SK4019 Datasheet
771Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com