Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT90TNAEDC9VI Datasheet(PDF) 4 Page - DB Lectro Inc

Part # NT90TNAEDC9VI
Description  Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90TNAEDC9VI Datasheet(HTML) 4 Page - DB Lectro Inc

  NT90TNAEDC9VI Datasheet HTML 1Page - DB Lectro Inc NT90TNAEDC9VI Datasheet HTML 2Page - DB Lectro Inc NT90TNAEDC9VI Datasheet HTML 3Page - DB Lectro Inc NT90TNAEDC9VI Datasheet HTML 4Page - DB Lectro Inc NT90TNAEDC9VI Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5.4
8
32.4
0.75
2-0.8
1.5
3-6.4
0.8
2-? 0.8
1.2X1.2
Dash
numbers
Coil voltage
V
Coil
resistance
10%
Pick up
voltage
VDC(max)
(75% of
rated
voltage)
Release
voltage
VDC(min)
(10% of
rated
voltage)
Coil
power
W
Operate
Time
ms
Release
Time
ms
Rated
Max.
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1500V
Item 6 of IEC255-5
Between contact and coil
50Hz 2500V
Item 6 of IEC255-5
2
Shock resistance
200m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1&Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-55~100
-55~125
Relative Humidity
85% (at 40
)
IEC68-2-3 Test Ca
Mass
31g
Low profile type
35g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Coil Parameter
DC Coil Parameter
0.9
15
10
0.6
15
10
003-900
3
3.9
10
2.25
0.3
005-900
5
6.5
28
3.75
0.5
006-900
6
7.8
40
4.50
0.6
009-900
9
11.7
90
6.75
0.9
012-900
12
15.6
160
9.00
1.2
015-900
15
19.5
250
10.25
1.5
018-900
18
23.4
360
13.50
1.8
024-900
24
31.2
640
18.00
2.4
048-900
48
62.4
2560
36.00
4.8
110-900
110
143
13445
82.50
11.0
003-600
3
3.9
15
2.25
0.3
005-600
5
6.5
42
3.75
0.5
006-600
6
7.8
60
4.50
0.6
009-600
9
11.7
135
6.75
0.9
012-600
12
15.6
240
9.00
1.2
015-600
15
19.5
375
10.25
1.5
018-600
18
23.4
540
13.50
1.8
024-600
24
31.2
960
18.00
2.4
048-600
48
62.4
3840
36.00
4.8
110-600
110
143
20167
82.50
11.0
121
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
NT90T (T91)
NT90T
Wiring diagram(Bottom view)
Mounting (Bottom view)
NT90T
NC
NC
COM
mm /inch
1.275max.
0.315
0.029
0.213
0.047
0.047
0.031
0.059
0.252
0.031
0.031
0.213
0.029
1.275Max.
0.315
0.031
0.059
0.031
0.047
0.047
32.4
3-0.8
6
7.7
12.3
1.275max.
0.031
0.484
0.303
32.4
3-0.8
NT90T
2
Dimensions
NT90T
2
COM
NO
NC
Wiring diagram(Top view)
0.031
1.275max.
0.606
0.303
0.083
0.043
0.1
Max.
Max.
Max.
Ningbo Huaguan Relay Corporation LTD.
32.4Max.
8
5.4
0.75
2- 0.8
1.2
1.2
2-0.8
1.5


Similar Part No. - NT90TNAEDC9VI

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT90TNLADAC110VCB0.6 DBLECTRO-NT90TNLADAC110VCB0.6 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLADAC110VCB0.9 DBLECTRO-NT90TNLADAC110VCB0.9 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLADAC110VCF0.6 DBLECTRO-NT90TNLADAC110VCF0.6 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLADAC110VCF0.9 DBLECTRO-NT90TNLADAC110VCF0.9 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
NT90TNLADAC110VSB0.6 DBLECTRO-NT90TNLADAC110VSB0.6 Datasheet
727Kb / 4P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
More results

Similar Description - NT90TNAEDC9VI

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
NT90 DBLECTRO-NT90_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-C HUAXINAN-NT90TP-C Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
DB Lectro Inc
NT90TP DBLECTRO-NT90TP_07 Datasheet
539Kb / 4P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-B HUAXINAN-NT90TP-B Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
List of Unclassifed Man...
NT90 ETC2-NT90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F_05 Datasheet
838Kb / 3P
   Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application.
NCF2 DBLECTRO-NCF2_05 Datasheet
581Kb / 2P
   Suitable for automobile, automation system, electronic equipment
logo
Renesas Technology Corp
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
   Electronic household appliances, office equipment, audio equipment, consumer equipment
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com