Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM3J15CT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3J15CT
Description  Field Effect Transistor Silicon P-Channel MOS Type High-Speed Switching Applications Analog Switch Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3J15CT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3J15CT Datasheet HTML 1Page - Toshiba Semiconductor SSM3J15CT Datasheet HTML 2Page - Toshiba Semiconductor SSM3J15CT Datasheet HTML 3Page - Toshiba Semiconductor SSM3J15CT Datasheet HTML 4Page - Toshiba Semiconductor SSM3J15CT Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3J15CT
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
SSM3J15CT
High-Speed Switching Applications
Analog Switch Applications
• Optimum for high-density mounting in small packages
• Low ON-resistance : Ron = 12 Ω (max) (@VGS = −4 V)
: Ron = 32 Ω (max) (@VGS = −2.5 V)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-Source voltage
VDS
−30
V
Gate-Source voltage
VGSS
±20
V
DC
ID
−100
Drain current
Pulse
IDP
−200
mA
Drain power dissipation (Ta
= 25°C)
PD (Note 1)
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: Mounted on an FR4 board
(10 mm
× 10 mm × 1.0 t, Cu Pad: 100 mm
2
)
Marking (Top View)
Pin Condition (Top View)
Equivalent Circuit
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, ensure that the environment is protected
against electrostatic discharge. Operators should wear anti-static clothing, and containers and other objects that come
into direct contact with devices should be made of anti-static materials.
Unit: mm
JEDEC
-
JEITA
-
TOSHIBA
2-1J1B
Weight: 0.75 mg (typ.)
CST3
12
0.35±0.02
0.15±0.03
0.5±0.03
0.6±0.05
0.05±0.03
1. Gate
2. Source
3. Drain
*Electrodes: on the bottom
Polarity mark
Polarity mark (on the top)
1
2
3
S1
12
3


Similar Part No. - SSM3J15CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J15F TOSHIBA-SSM3J15F Datasheet
171Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
logo
VBsemi Electronics Co.,...
SSM3J15F VBSEMI-SSM3J15F Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3J15FS TOSHIBA-SSM3J15FS Datasheet
182Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FU TOSHIBA-SSM3J15FU Datasheet
221Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FV TOSHIBA-SSM3J15FV Datasheet
140Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
More results

Similar Description - SSM3J15CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J15FU TOSHIBA-SSM3J15FU Datasheet
221Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15TE TOSHIBA-SSM3J15TE Datasheet
184Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FS TOSHIBA-SSM3J15FS Datasheet
182Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15FV TOSHIBA-SSM3J15FV Datasheet
140Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J15F TOSHIBA-SSM3J15F Datasheet
171Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16CT TOSHIBA-SSM3J16CT Datasheet
196Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FV TOSHIBA-SSM3J16FV Datasheet
175Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FS TOSHIBA-SSM3J16FS Datasheet
179Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16FU TOSHIBA-SSM3J16FU Datasheet
216Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
SSM3J16TE TOSHIBA-SSM3J16TE Datasheet
180Kb / 5P
   Field Effect Transistor Silicon P Channel MOS Type High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com