Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN1414 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. RN1414
Description  Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN1414 Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RN1414
∼RN1418
2007-11-01
3
IC - VI (ON)
0.1
1
10
100
0.1
1
10
INPUT VOLTAGE  VI (ON) (V)
COMMON EMITTER
VCE = 0.2V
25
-25
RN1414
IC - VI (ON)
0.1
1
10
100
0.1
1
10
INPUT VOLTAGE  VI (ON) (V)
COMMON EMITTER
VCE = 0.2V
25
-25
RN1415
Ta = 100°C
Ta = 100°C
IC - VI (ON)
0.1
1
10
100
0.1
1
10
INPUT VOLTAGE  VI (ON) (V)
COMMON EMITTER
VCE = 0.2V
25
-25
RN1416
IC - VI (ON)
0.1
1
10
100
0.1
1
10
100
INPUT VOLTAGE  VI (ON) (V)
COMMON EMITTER
VCE = 0.2V
25
-25
RN1417
Ta = 100°C
Ta = 100°C
IC - VI (ON)
0.1
1
10
100
0.1
1
10
100
INPUT VOLTAGE  VI (ON) (V)
COMMON EMITTER
VCE = 0.2V
25
-25
RN1418
Ta = 100°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn