Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RN1414 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. RN1414
Description  Silicon NPN Epitaxial Type (PCT Process) Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

RN1414 Datasheet(HTML) 4 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RN1414
∼RN1418
2007-11-01
4
IC - VI (OFF)
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1414
25
-25
IC - VI (OFF)
10
100
1000
10000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1415
25
-25
Ta = 100°C
Ta = 100°C
IC - VI (OFF)
10
100
1000
10000
0.20.40.60.8
1
1.21.41.61.8
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1416
25
-25
IC - VI (OFF)
10
100
1000
10000
0.8
1.2
1.6
2
2.4
2.8
3.2
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1417
25
-25
Ta = 100°C
Ta = 100°C
IC - VI (OFF)
10
100
1000
10000
1
2
34
56
INPUT VOLTAGE  VI (OFF) (V)
COMMON EMITTER
VCE = 5V
RN1418
25
-25
Ta = 100°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn