Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3466 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3466
Description  Silicon N Channel MOS Type Chopper Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3466 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3466 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3466 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3466
2006-11-06
3
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
⎪Yfs⎪ − ID
RDS (ON) − ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
0
0
1
2
3
5
4
2
4
6
8
10
Common source
Tc
= 25°C
Pulse test
VGS = 4 V
4.5
4.75
5.25
5.5
6
10, 15
5
0
0
2
4
6
10
8
10
20
30
40
50
Common source
Tc
= 25°C
Pulse test
VGS = 4 V
4.5
5.5
6
5
15
10
0
0
2
4
6
10
8
2
4
6
8
10
Common source
VDS = 20 V
Pulse test
100
25
Tc
= −55°C
0
0
4
8
12
20
16
4
8
12
16
20
Common source
Tc
= 25°C
Pulse test
ID = 5 A
2.5
1.2
0.1
0.3
1
3
10
5
0.3
0.5
1
5
10
Common source
VDS = 20 V
Pulse test
Tc
= −55°C
3
100
25
0.5
0.1
0.3
1
3
10
5
0.3
0.5
1
5
10
Common source
Tc
= 25°C
Pulse test
VGS = 10 V
3
15
0.5


Similar Part No. - 2SK3466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3466 TOSHIBA-2SK3466 Datasheet
182Kb / 6P
   Chopper Regulator Applications
2SK3466 TOSHIBA-2SK3466 Datasheet
215Kb / 6P
   TOSHIBA Field Effect Transistor
2SK3466 TOSHIBA-2SK3466 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3466 TOSHIBA-2SK3466_10 Datasheet
182Kb / 6P
   Chopper Regulator Applications
More results

Similar Description - 2SK3466

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2998 TOSHIBA-2SK2998_06 Datasheet
658Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter Applications
2SK2493 TOSHIBA-2SK2493_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications
2SK2996 TOSHIBA-2SK2996 Datasheet
190Kb / 5P
   SILICON N CHANNEL MOS TYPE(HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS CHOPPER REGULATOR)
2SK3670 TOSHIBA-2SK3670 Datasheet
178Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com