Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3462 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3462
Description  Switching Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3462 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3462_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3462
2006-11-21
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cutoff current
IDSS
VDS = 250 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
250
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.5
3.5
V
Drain-source ON-resistance
RDS (ON)
VGS = 10 V, ID = 1.5 A
1.2
1.7
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 1.5 A
0.5
2.2
S
Input capacitance
Ciss
267
Reverse transfer capacitance
Crss
32
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
98
pF
Rise time
tr
5
Turn-on time
ton
20
Fall time
tf
5
Switching time
Turn-off time
toff
30
ns
Total gate charge
Qg
12
Gate-source charge
Qgs
6
Gate-drain charge
Qgd
VDD ∼− 200 V, VGS = 10 V, ID = 3 A
6
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
3
A
Pulse drain reverse current
(Note 1)
IDRP
6
A
Forward voltage (diode)
VDSF
IDR = 3 A, VGS = 0 V
−2.0
V
Reverse recovery time
trr
125
ns
Reverse recovery charge
Qrr
IDR = 3 A, VGS = 0 V,
dIDR/dt = 100 A/μs
470
nC
Marking
RL = 67 Ω
0 V
10 V
VGS
VDD ∼− 100 V
ID = 1.5 A VOUT
4.7
Ω
Duty <= 1%, tw = 10 μs
K3462
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK3462_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3462 TOSHIBA-2SK3462_10 Datasheet
185Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3462_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3462 TOSHIBA-2SK3462_10 Datasheet
185Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK4022 TOSHIBA-2SK4022 Datasheet
208Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3443 TOSHIBA-2SK3443 Datasheet
376Kb / 5P
   SWITCHING REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com