Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3462 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3462
Description  Switching Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3462 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3462_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3462_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3462
2006-11-21
5
0
25
20
40
60
100
80
50
75
100
125
150
Safe operating area
Channel temperature (initial) Tch (°C)
EAS – Tch
rth – tw
Pulse width tw (S)
Drain-source voltage VDS (V)
0.01
1
0.1
0.03
0.05
1
0.3
0.5
10
3
5
100
30
50
10
3
5
100
30 50
1000
300 500
DC
100
μs *
1 ms *
ID max (pulsed) *
* Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated linearly
with increase in temperature.
VDSS max
ID max (continuous)
1
0.1
10
μ
100
μ
10
1 m
10 m
100 m
1
10
Single pulse
0.2
0.1
0.05
0.02
0.01
T
PDM
t
Duty
= t/T
Rth (ch-c) = 6.25°C/W
Duty
= 0.5
0.01
0.03
0.05
0.3
0.5
3
5
−15 V
15 V
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 50 V, L = 6.7 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS


Similar Part No. - 2SK3462_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3462 TOSHIBA-2SK3462_10 Datasheet
185Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3462_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3842 TOSHIBA-2SK3842_09 Datasheet
228Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3499 TOSHIBA-2SK3499 Datasheet
224Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ619 TOSHIBA-2SJ619_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK4021 TOSHIBA-2SK4021 Datasheet
271Kb / 6P
   Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_10 Datasheet
207Kb / 6P
   Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3462 TOSHIBA-2SK3462_10 Datasheet
185Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK4022 TOSHIBA-2SK4022 Datasheet
208Kb / 6P
   Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3443 TOSHIBA-2SK3443 Datasheet
376Kb / 5P
   SWITCHING REGULATOR DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com