Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SK3441 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part No. 2SK3441
Description  Silicon N Channel MOS Type DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

2SK3441 Datasheet(HTML) 3 Page - Toshiba Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3441
2006-11-17
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
100
80
60
40
20
0
0
0.2
0.4
0.6
0.8
1.0
VGS = 3 V
3.6
3.8
6
8
10
Common source
Tc
= 25°C
Pulse test
4
3.4
3.2
0
20
40
80
120
0
Tc
= −55°C
1
2
3
4
6
Common source
VDS = 10 V
Pulse test
100
25
60
100
5
0
0.1
0.2
0.4
0.6
0
ID = 70 A
2
4
6
8
12
Common source
Tc
= 25°C
Pulse test
15
35
0.3
0.5
10
200
160
120
80
40
0
0
2
4
6
8
10
VGS = 3 V
4.5
10
3.8
5
4
3.6
3.4
3.2
Common source
Tc
= 25°C
Pulse test
Common source
Tc
= 25°C
Pulse test
1
10
5
30
3
50
1
10
100
3
5
30
50
10
VGS = 4 V
Common source
VDS = 10 V
Pulse test
25
100
Tc
= −55°C
5
50
30
100
10
300
1
10
100
3
5
30
50


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK3236_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3388_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3440_06Silicon N Channel MOS Type Switching Regulator DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3389_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3301_06Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications 1 2 3 Toshiba Semiconductor
2SK3397_06Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2882_06Silicon N Channel MOS Type Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3302_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3398_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2613_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn