Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK3441 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. 2SK3441
Description  Silicon N Channel MOS Type DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3441 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3441_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3441_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3441_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3441_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3441_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3441_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3441
2006-11-17
5
Channel temperature (initial) Tch (°C)
EAS – Tch
rth – tw
Pulse width tw (s)
0 V
15 V
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 25 V, L = 236 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Drain-source voltage VDS (V)
Safe operating area
0.01
0.00001
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 1.0°C/W
Duty
= 0.5
0.2
0.1
Single
0.05
0.02
0.01
600
400
300
200
100
0
25
50
75
100
125
150
500
0.1
0.1
1
10
100
1000
1
10
1000
100
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature
ID max (pulsed) *
100
μs *
1 ms *
ID max
(continuous)
DC operation
Tc
= 25°C
VDSS max


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK3236_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3388_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3440_06Silicon N Channel MOS Type Switching Regulator DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3389_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3301_06Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications 1 2 3 Toshiba Semiconductor
2SK3397_06Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2882_06Silicon N Channel MOS Type Chopper Regulator DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3302_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK3398_06Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor
2SK2613_06Silicon N Channel MOS Type Switching Regulator Applications DC-DC Converter and Motor Drive Applications 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn