Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3437 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3437
Description  Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3437 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3437_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3437
2006-11-08
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
⎪Yfs⎪ – ID
Drain current ID (A)
RDS (ON) – ID
8
0
0
2
4
6
10
4
8
16
12
20
VGS = 6.0 V
6.5
Common source
Tc
= 25°C
Pulse test
6.75
7.0
7.25
7.5
7.75
10
15
20
16
12
8
4
0
0
10
20
30
40
50
VGS = 6.0 V
6.5
Common source
Tc
= 25°C
Pulse test
7.0
7.25
7.5
8.0
8.5
10
15
0
0
2
4
6
8
10
2
4
6
8
10
12
Common source
VDS = 20 V
Pulse test
Tc
= −55°C
100
25
20
16
12
8
4
0
0
4
8
12
16
20
Common source
Tc
= 25°C
Pulse test
ID = 10 A
5
2.5
0.1
0.1
1
10
100
1
10
100
Common source
Tc
= 25°C
Pulse test
VGS = 10, 15 V
0.1
0.1
1
10
100
1
10
100
Tc
= −55°C
Common source
VDS = 20 V
Pulse test
25
100


Similar Part No. - 2SK3437_06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3437B ISC-2SK3437B Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3437K ISC-2SK3437K Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SK3437_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3438 TOSHIBA-2SK3438 Datasheet
207Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498_06 Datasheet
161Kb / 3P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com