Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3437 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3437
Description  Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3437 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3437_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3437_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3437
2006-11-08
5
Pulse width tw (S)
rth − tw
EAS – Tch
Channel temperature (initial) Tch (°C)
−15 V
15 V
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 4.41 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Safe operating area
Drain-source voltage VDS (V)
100
200
300
50
100
0
400
25
75
150
125
0.01
1
10
100
1000
0.1
1
100
100
μs *
1 ms *
*
Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
10
VDSS max
DC operation
Tc
= 25°C
ID max (pulsed) *
ID max (continuous) *
0.001
1
0.1
10
μ
100
μ
10
1 m
10 m
100 m
1
10
Single pulse
0.2
0.1
0.05
0.02
0.01
Duty
= 0.5
0.01


Similar Part No. - 2SK3437_06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3437B ISC-2SK3437B Datasheet
400Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3437K ISC-2SK3437K Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3437 TOSHIBA-2SK3437_10 Datasheet
215Kb / 6P
   DC-DC Converter, Relay Drive and Motor Drive Applications
More results

Similar Description - 2SK3437_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3438 TOSHIBA-2SK3438 Datasheet
207Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498_06 Datasheet
161Kb / 3P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com