Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3397 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3397
Description  Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3397 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3397_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3397_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3397_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3397_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3397_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3397_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3397
2006-11-16
4
Vth − Tc
0
−80
0
40
80
120
160
−40
1
2
RDS (ON) − Tc
0
20
4
12
8
−40
−80
160
0
40
120
80
IDR − VDS
PD − Tc
200
50
100
150
0
0
80
40
160
120
40
0
30
20
10
0
80
120
40
10
5
20
0
15
16
100
1000
0.1
100
10000
1
10
3
4
160
200
−0.4
0
−0.8
−1.2
−1.6
1
10
1000
100
ID = 15,35A
70
Common source
VGS = 10 V
Pulse Test
−2.0
Common source
Tc
= 25°C
Pulse Test
VGS = 0, −1 V
1
10
5
3
Common source
VGS = 0 V
f
= 1 MHz
Tc
= 25°C
Ciss
Coss
Crss
5
200
50
25
VDD = 24V
12
6
VDS
VGS
Common source
ID = 70 A
Tc
= 25°C
Pulse Test
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
Capacitance – VDS
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Dynamic input / output
characteristics
Common source
VDS = 10 V
ID = 1mA
Pulse Test


Similar Part No. - 2SK3397_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3397 TOSHIBA-2SK3397_09 Datasheet
210Kb / 6P
   Relay Drive and DC-DC Converter Applications
More results

Similar Description - 2SK3397_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3438 TOSHIBA-2SK3438 Datasheet
207Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498_06 Datasheet
161Kb / 3P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3125 TOSHIBA-2SK3125_06 Datasheet
204Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com