Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3388 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3388
Description  Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3388 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3388_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3388_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3388
2006-11-21
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
2SK3388
Switching Regulator and DC-DC Converter Applications
Motor Drive Applications
• Low drain-source ON resistance: RDS (ON) = 82 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 20 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 250 V)
• Enhancement mode: Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
250
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
250
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
20
Drain current
Pulse (Note 1)
IDP
60
A
Drain power dissipation (Tc
= 25°C)
PD
125
W
Single pulse avalanche energy
(Note 2)
EAS
487
mJ
Avalanche current
IAR
20
A
Repetitive avalanche energy (Note 3)
EAR
12.5
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
1.00
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 50 V, Tch = 25°C (initial), L = 2.06 mH, IAR = 20 A, RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by maximum channel
temperature
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-97
TOSHIBA
2-9F1B
Weight: 0.74 g (typ.)
Circuit Configuration
Notice:
Please use the S1 pin for gate
input signal return. Make
sure that the main current
flows into the S2 pin.
1
2
3
4


Similar Part No. - 2SK3388_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3388 TOSHIBA-2SK3388_09 Datasheet
200Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SK3388_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3389 TOSHIBA-2SK3389_06 Datasheet
188Kb / 7P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3994 TOSHIBA-2SK3994 Datasheet
255Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com