Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3376TV Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3376TV
Description  Silicon N Channel Junction Type For ECM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3376TV Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3376TV Datasheet HTML 1Page - Toshiba Semiconductor 2SK3376TV Datasheet HTML 2Page - Toshiba Semiconductor 2SK3376TV Datasheet HTML 3Page - Toshiba Semiconductor 2SK3376TV Datasheet HTML 4Page - Toshiba Semiconductor 2SK3376TV Datasheet HTML 5Page - Toshiba Semiconductor 2SK3376TV Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3376TV
2007-11-01
3
Electrical Characteristics (BK-Rank IDSS Ta=25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain Current
IDSS
VDS = 2 V, VGS = 0
150
350
µA
Drain Current
ID
VDD = 2 V, RL= 2kΩ,Cg = 3pF
390
µA
Gate-Source Cut-off Voltage VGS(OFF) VDS = 2 V, ID = 1μA
-0.125
-1.1
V
Forward transfer admittance
|Yfs|
VDS = 2 V,VGS = 0V
0.7
1.4
mS
Input capacitance
Ciss
VDS = 2 V, VGS = 0, f = 1 MHz
5.5
pF
Voltage Gain
Gv
VDD = 2V, RL= 2kΩ,Cg = 3pF, f = 1kHz
-12.0
-7.50
dB
Delta Voltage Gain
DGv(f)
VDD = 2V, RL= 2kΩ,Cg = 3pF,f = 1kHz to 100Hz
-2.0
dB
Delta Voltage Gain
DGv(V) VDD = 2V to 1V, RL= 2kΩ,Cg = 3pF,f = 1kHz
-13.5
dB
Noise Voltage
VN
VDD = 2V, RL= 1kΩ,Cg = 3pF,Gv=80dB,f=A-Curve
Filter
65
mV


Similar Part No. - 2SK3376TV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3376TK TOSHIBA-2SK3376TK Datasheet
153Kb / 7P
   Silicon N Channel Junction Type For ECM
More results

Similar Description - 2SK3376TV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3376TK TOSHIBA-2SK3376TK Datasheet
153Kb / 7P
   Silicon N Channel Junction Type For ECM
2SK3857TV TOSHIBA-2SK3857TV Datasheet
148Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3376MFV TOSHIBA-2SK3376MFV Datasheet
152Kb / 6P
   Silicon N Channel Junction Type For ECM
2SK3857TK TOSHIBA-2SK3857TK Datasheet
129Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK4059TK TOSHIBA-2SK4059TK Datasheet
147Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK4059TV TOSHIBA-2SK4059TV Datasheet
147Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3582TV TOSHIBA-2SK3582TV Datasheet
141Kb / 5P
   Silicon N Channel Junction Type For ECM
2SK3582TK TOSHIBA-2SK3582TK Datasheet
122Kb / 5P
   Field Effect Transistor Silicon N Channel Junction Type For ECM
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com