Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3374 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3374
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3374 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3374_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3374_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3374_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3374_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3374_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3374_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3374
2006-11-06
2
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Drain-source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
V
Drain cut-OFF current
IDSS
VDS = 450 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
450
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 0.5 A
3.7
4.6
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 0.5 A
0.3
0.7
S
Input capacitance
Ciss
180
Reverse transfer capacitance
Crss
2
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
20
pF
Rise time
tr
7
Turn-ON time
ton
15
Fall time
tf
30
Switching time
Turn-OFF time
toff
70
ns
Total gate charge
(gate-source plus gate-drain)
Qg
5
Gate-source charge
Qgs
3
Gate-drain (“miller”) charge
Qgd
VDD ∼− 360 V, VGS = 10 V, ID = 1 A
2
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
1
A
Pulse drain reverse current
(Note 1)
IDRP
2
A
Forward voltage (diode)
VDSF
IDR = 1 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
350
ns
Reverse recovery charge
Qrr
IDR = 1 A, VGS = 0 V,
dIDR/dt = 100 A/μs
1.3
nC
Marking
Duty <= 1%, tw = 10 μs
0 V
10 V
VGS
RL = 400 Ω
VDD ∼− 200 V
ID = 0.5 A
VOUT
K3374
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK3374_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3374 TOSHIBA-2SK3374_10 Datasheet
188Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3374_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com