Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3314 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3314
Description  Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3314 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3314_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3314_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3314_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3314_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3314_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3314_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3314
2006-11-06
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±100 μA, VDS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 500 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 7 A
0.35
0.49
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 7 A
5.0
9.9
S
Input capacitance
Ciss
2600
Reverse transfer capacitance
Crss
280
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
880
pF
Rise time
tr
50
Turn−on time
ton
85
Fall time
tf
65
Switching time
Turn−off time
toff
260
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
58
Gate−source charge
Qgs
36
Gate−drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 15 A
22
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
15
A
Pulse drain reverse current
(Note 1)
IDRP
60
A
Forward voltage (diode)
VDSF
IDR = 15 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
105
180
ns
Reverse recovery charge
Qrr
IDR = 15 A, VGS = 0 V
dIDR / dt = 100 A / μs
0.24
μC
Marking
K3314
TOSHIBA
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - 2SK3314_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3314 TOSHIBA-2SK3314_10 Datasheet
418Kb / 6P
   Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SK3314_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2995 TOSHIBA-2SK2995_06 Datasheet
719Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK3131 TOSHIBA-2SK3131_06 Datasheet
712Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
2SK3117 TOSHIBA-2SK3117_06 Datasheet
718Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com