Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3310 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3310
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3310 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3310 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3310 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3310
2006-11-06
3
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
RDS (ON) – ID
8
0
0
2
4
6
10
2
4
8
6
10
VGS = 6 V
8
8.5
10
15
Common source
Tc
= 25°C
Pulse test
7.5
7
20
16
12
8
4
0
0
10
20
30
40
50
VGS = 6 V
Common source
Tc
= 25°C
Pulse test
7
7.5
15
10
8.5
9
8
0
2
4
8
10
0
ID = 10 A
4
8
12
20
2.5
5
Common source
Tc
= 25°C
Pulse test
16
6
⎪Yfs⎪ – ID
0.1
1
10
100
30
10
1
Common source
VDS = 20 V
Pulse test
25
100
Tc
= −55°C
0.3
3
0.1
0.3
3
30
0
20
4
8
12
16
0
10
6
2
8
4
12
Common source
VDS = 20 V
Pulse test
Tc
= −55°C
25
100
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
1
10
100
5
1
0.1
Common source
Tc
= 25°C
Pulse test
VGS = 10, 15 V


Similar Part No. - 2SK3310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
185Kb / 6P
   Switching Regulator Applications
2SK3310 TOSHIBA-2SK3310 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3310 ISC-2SK3310 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3310 TOSHIBA-2SK3310_09 Datasheet
185Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com