Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3309 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SK3309
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3309 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SK3309 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3309 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3309 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3309 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3309 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3309 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3309
2006-11-06
4
Case temperature Tc
(°C)
RDS (ON) – Tc
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Case temperature Tc
(°C)
Vth – Tc
Case temperature Tc
(°C)
PD – Tc
Total gate charge Qg (nC)
Dynamic input/output characteristics
0
20
60
40
100
80
200
0
40
80
120
160
500
400
0
100
200
300
0
10
20
30
50
40
Common source
ID = 10 A
Tc
= 25°C
Pulse test
VDS
360
180
VGS
VDD = 90 V
0
4
8
12
20
16
160
0
1
3
2
6
5
4
−80
−40
0
40
80
120
Common source
VDS = 10 V
ID = 1 mA
Pulse test
0
0.01
−0.4
0.1
1
10
100
−0.6
−0.8
−1.2
5
−0.2
−1
10
1
3
VGS = 0, −1 V
Common source
Tc
= 25°C
Pulse test
1
0.1
10
100
1000
10000
1
10
100
1000
Common
source
VGS = 0 V
f
= 1 MHz
Ciss
Coss
Crss
2.0
1.2
0
−80
−40
0
40
80
160
120
0.4
0.8
ID = 10 A
2.5
5
1.6
Common source
VGS = 10 V
Pulse test


Similar Part No. - 2SK3309

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3309 TOSHIBA-2SK3309 Datasheet
234Kb / 6P
   Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3309B ISC-2SK3309B Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3309K ISC-2SK3309K Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3309

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3407 TOSHIBA-2SK3407_06 Datasheet
192Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com