Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3205 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3205
Description  Silicon N Channel MOS Type Switching Regulator Applications DC−DC Converter, and Motor Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3205 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3205 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3205 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3205 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3205
2006-11-20
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L
2
−π−MOSV)
2SK3205
Switching Regulator Applications DC−DC Converter, and
Motor Drive Applications
4 V gate drive
Low drain−source ON resistance
: RDS (ON) = 0.36 Ω (typ.)
High forward transfer admittance
: |Yfs| = 4.5 S (typ.)
Low leakage current
: IDSS = 100 μA (max) (VDS = 150 V)
Enhancement−mode
: Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
150
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
150
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
5
Drain current
Pulse (Note 1)
IDP
20
A
Drain power dissipation (Tc = 25°C)
PD
20
W
Single pulse avalanche energy
(Note 2)
EAS
71
mJ
Avalanche current
IAR
5
A
Repetitive avalanche energy (Note 3)
EAR
2
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature, etc.)
may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings. Please design the appropriate reliability
upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual reliability data (i.e.
reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
6.25
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
125
°C / W
Note 1: Please use devices on condition that the channel temperature is
below 150°C.
Note 2: VDD = 50 V, Tch = 25°C (initial), L = 4.2 mH, IAR = 5 A, RG = 25 Ω
Note 3: Repetitive rating; Pulse width limited by maximum channel temperature.
This transistor is an electrostatic sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-64
TOSHIBA
2-7B1B
Weight: 0.36 g (typ.)
JEDEC
JEITA
SC-64
TOSHIBA
2-7B3B
Weight: 0.36 g (typ.)


Similar Part No. - 2SK3205

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3205 TOSHIBA-2SK3205 Datasheet
133Kb / 3P
   Switching Regulator Applications DC?묭C Converter
2SK3205 TOSHIBA-2SK3205 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3205 VBSEMI-2SK3205 Datasheet
1,009Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3205 ISC-2SK3205 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3205

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2382 TOSHIBA-2SK2382_06 Datasheet
727Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK2350 TOSHIBA-2SK2350_06 Datasheet
730Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK2965 TOSHIBA-2SK2965_06 Datasheet
213Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK3314 TOSHIBA-2SK3314_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK2398 TOSHIBA-2SK2398_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2717 TOSHIBA-2SK2717_06 Datasheet
706Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2718 TOSHIBA-2SK2718_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com