Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3176 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # 2SK3176
Description  Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3176 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  2SK3176 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3176 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3176
2007-03-16
5
0.003
100 m
10 m
0.01
1
1
10
0.005
0.3
3
0.03
0.5
0.05
0.1
10
μ
100
μ
1 m
Duty
= 0.5
0.02
0.2
0.1
0.05
Single pulse
0.01
T
PDM
t
Duty
= t/T
Rth (ch-c) = 0.833°C/W
rth – tw
Pulse width tw (s)
Safe Operating Area
EAS – Tch
Channel temperature (initial) Tch (°C)
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 50 V, L = 1.66 mH
⎟⎟
⎜⎜
=
V
B
B
·
·L·I
2
1
Ε
DD
VDSS
VDSS
2
AS
−15 V
15 V
0
25
400
1000
150
75
200
600
800
50
100
125
*: Single nonrepetitive
pulse Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (continuous)
ID max (pulse)*
VDSS max
1 ms*
100 μs*
DC operation
Tc
= 25°C
0.1
1
3
5
10
30
50
100
10
30
300 500
1
5
50
100
300
3
0.3
0.5
Drain-source voltage VDS (V)


Similar Part No. - 2SK3176

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176 Datasheet
139Kb / 2P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3176 TOSHIBA-2SK3176 Datasheet
168Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3176 TOSHIBA-2SK3176 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3176 ISC-2SK3176 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3176 TOSHIBA-2SK3176_09 Datasheet
168Kb / 6P
   Switching Regulator, DC-DC Converter and Motor Drive Applications
More results

Similar Description - 2SK3176

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3847 TOSHIBA-2SK3847 Datasheet
308Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3443 TOSHIBA-2SK3443_06 Datasheet
169Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter and Motor Drive Applications
2SK3846 TOSHIBA-2SK3846 Datasheet
182Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com