Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3130 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3130
Description  Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3130 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3130 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3130 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3130 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3130 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3130 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3130 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SK3130
2006-11-08
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
2SK3130
Switching Regulator Applications
Reverse-recovery time: trr = 85 ns
Built-in high-speed flywheel diode
Low drain-source ON resistance: RDS (ON) = 1.12 Ω (typ.)
High forward transfer admittance: |Yfs| = 5.0 S (typ.)
Low leakage current: IDSS = 100 μA (max) (VDS = 600 V)
Enhancement model: Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
600
V
Gate-source voltage
VGSS
±30
V
DC
(Note 1)
ID
6
Drain current
Pulse
(Note 1)
IDP
24
A
Drain power dissipation (Tc
= 25°C)
PD
40
W
Single pulse avalanche energy
(Note 2)
EAS
345
mJ
Avalanche current
IAR
6
A
Repetitive avalanche energy (Note 3)
EAR
4
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
3.125
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
62.5
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = 90 V, Tch = 25°C (initial), L = 16.8 mH, RG = 25 Ω, IAR = 6 A
Note 3: Repetitive rating: pulse width limited by maximum channel temperature.
This transistor is an electrostatic-sensitive device. Please handle with caution
Unit: mm
JEDEC
JEITA
SC-67
TOSHIBA
2-10R1B
Weight: 1.9 g (typ.)


Similar Part No. - 2SK3130

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
logo
Suntac Electronic Corp.
2SK3130 SUNTAC-2SK3130 Datasheet
521Kb / 5P
   Power MOSFET
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
186Kb / 6P
   Switching Regulator Applications
logo
Inchange Semiconductor ...
2SK3130 ISC-2SK3130 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130_09 Datasheet
186Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3130

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2237 TOSHIBA-2SK2237 Datasheet
559Kb / 6P
   SILICON N CHANNEL MOS TYPE
2SK2150 TOSHIBA-2SK2150 Datasheet
486Kb / 5P
   SILICON N CHANNEL MOS TYPE
logo
Hi-Sincerity Mocroelect...
HSK1118 HSMC-HSK1118 Datasheet
61Kb / 5P
   Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com