Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3125 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3125
Description  Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3125 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3125 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3125 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3125
2006-11-16
3
ID − VDS
ID − VDS
ID − VGS
VDS − VGS
⎪Yfs⎪ − ID
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Gate-source voltage VGS (V)
Gate-source voltage VGS (V)
Drain current ID (A)
Drain current ID (A)
RDS (ON) − ID
VGS = 3.25 V
8
10
0
0.2
0.4
1
0.6
0.8
0
20
60
100
40
80
Common source
Tc
= 25°C
Pulse test
6
5
4.5
4
3.75
3.5
VGS = 3.25 V
Common source
Tc
= 25°C
Pulse test
4.5
8
01
2
5
3
4
0
20
60
100
40
80
4
4.25
10
6
5
VOU
3.5
Tc
= −55°C
Common source
VDS = 10 V
Pulse test
25
100
0
20
60
100
40
80
0
1
2
5
34
6
30
ID = 70 A
15
Common source
Tc
= 25°C
Pulse test
0
0.2
0.6
1.0
0.4
0.8
1.2
0
2
4
10
68
12
25
Tc
= −55°C
100
Common source
VDS = 10 V
Pulse test
100
1
10
1000
1
1000
10
100
100
1
10
1100
10
VGS = 10, 15 V
Common source
Tc
= 25°C
Pulse test


Similar Part No. - 2SK3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3125 TOSHIBA-2SK3125 Datasheet
226Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSVI)
2SK3125 TOSHIBA-2SK3125 Datasheet
192Kb / 6P
   DC-DC Converter, Relay Drive and
2SK3125 TOSHIBA-2SK3125_08 Datasheet
192Kb / 6P
   DC-DC Converter, Relay Drive and
More results

Similar Description - 2SK3125

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3437 TOSHIBA-2SK3437_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3438 TOSHIBA-2SK3438 Datasheet
207Kb / 6P
   Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3498 TOSHIBA-2SK3498_06 Datasheet
161Kb / 3P
   Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
   Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
   N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2968 TOSHIBA-2SK2968_06 Datasheet
693Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2545 TOSHIBA-2SK2545_06 Datasheet
713Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2916 TOSHIBA-2SK2916_06 Datasheet
714Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com